Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC331CD7LP683KX19 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button GC331CD7LP683KX19 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
■ Specifications and Test Methods
No
Item
Specification
Test Method(Compliant Standard:AEC-Q200)
15
16
17
18
19
20
21
22
23 Terminal Strength
Appearance
No defects or abnormalities.
Mounting method
Reflow solder the capacitor on the test substrate
Capacitance
Within the specified initial value.
Applied Force
18N
Q or D.F.
Within the specified initial value.
Holding Time
60s
I.R.(Room Temp.)
Within the specified initial value.
Board Flex
Appearance
No defects or abnormalities.
Mounting method
Reflow solder the capacitor on the test substrate
Capacitance Change
Within +/-12.5%
Pressurization Method
Shown in Fig.2
Flexure
2mm
Holding Time
60s
Voltage proof
No defects or abnormalities.
Test Voltage
120% of the rated voltage
Applied Time
1s to 5s
Charge/discharge current
50mA max.
Insulation
Resistance(I.R.)
(High Temperature)
More than 10MΩ・μF
Measurement Temperature
125℃
Measurement Voltage
DC250+/-25V
Charging Time
1min
Charge/discharge current
50mA max.
Insulation
Resistance(I.R.)
(Room Temperature)
More than 100MΩ・μF
Measurement Temperature
25℃
Measurement Voltage
DC250+/-25V
Charging Time
1min
Charge/discharge current
50mA max.
Q or Dissipation Factor
(D.F.)
DF≦0.01
Measurement Temperature
25℃
Measurement Frequency 1.0+/-0.1kHz
Measurement Voltage
1.0+/-0.2Vrms
Capacitance
Shown in Rated value.
Measurement Temperature
25℃
Measurement Frequency 1.0+/-0.1kHz
Measurement Voltage
1.0+/-0.2Vrms
Solderability (a)
95% of the terminations is to be soldered evenly and continuously.
Pre-treatment
Perform a heat treatment at 155°C for 4hours.
Flux
Solution of rosin ethanol 25(mass)%
Kind of Solder
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Solder Temperature
Sn-3.0Ag-0.5Cu solder solution at 245+/-5℃
Immersion time
5+0/-0.5s
Immersion and emersion rate
25+/-2.5mm/s
ESD
Appearance
No defects or abnormalities.
Per AEC-Q200-002
Capacitance
Within the specified initial value.
Q or D.F.
Within the specified initial value.
I.R.(Room Temp.)
Within the specified initial value.
GC331CD7LP683KX19-00B
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com