Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTT12X-800CT Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ACTT12X-800CT
Description  Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ACTT12X-800CT Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ACTT12X-800CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited ACTT12X-800CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited ACTT12X-800CT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IST4112
eq ACTT12X-800CT
Thyristors
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IGT1
Gate Trigger Current I-II-III
VD= 12V,IT=100mA
35
mA
IGT2
VD= 12V,IT=100mA
35
mA
IGT3
VD= 12V,IT=100mA
35
mA
VGT
Gate Trigger voltage
VD= 12V,RL=100Ω
1.5
V
IH
Holding Current
VD= 12V
50
mA
VTM
On-state voltage
IT=17A
1.5
V
IDRM/IRRM VD=VDRM/VRRM
5.0
uA
PACKAGE OUTLINE(Dimensions in mm)
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com