Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCF8023 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCF8023
Description  SiC N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCF8023 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCF8023 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCF8023 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCF8023 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCF8023 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCF8023 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISCF8023
eq G2R50MT33K
SiC N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= 0.1mA
3300
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID = 10mA
2
2.6
4
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 20V, ID=40A
--
50
65
mΩ
VGS= 20V, ID=40A,TJ=150℃
--
120
--
IGSS
Gate Source Leakage Current
VGS= 15V, VDS= 0V
--
--
100
nA
VGS= -10V, VDS= 0V
--
--
-100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 3300V, VGS = 0V
--
1
100
μA
Ciss
Input Capacitance
VGS = 0V,
VDS = 1700V,
f = 1.0MHz,
VAC=25mV
--
5060
--
pF
Coss
Output Capacitance
--
365
--
Crss
Reverse Transfer Capacitance
--
17
--
EON
Turn-On Switching Energy
VDS=1700V,
VGS=-5V/20V
ID=35A,
RG(ext)=2.5Ω,
L=200μH
--
6.11
--
mJ
EOFF
Turn-Off Switching Energy
--
3.72
--
RG
Internal Gate Resistance
f=1MHz, VAC=25mV
--
1.1
--
Ω
Qg
Total Gate Charge
VDS=1700V,
ID= 40A,
VGS= - 4/18V
--
260
--
nC
Qgs
Gate-Source Charge
--
70
--
Qgd
Gate-Drain Charge
--
51
--
td(on)
Turn-on Delay Time
VGS= - 5/20V
ID= 35A,
VDS= 1700V,
RG=2.5Ω,
RL=40Ω
--
32
--
ns
tr
Turn-on Rise Time
--
45
--
td(off)
Turn-off Delay Time
--
85
--
tf
Turn-off Fall Time
--
36
--



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com