Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXT-06HT Datasheet(PDF) 1 Page - FLEXTRAL

Part # AXT-06HT
Description  High-Temp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

AXT-06HT Datasheet(HTML) 1 Page - FLEXTRAL

  AXT-06HT Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AXT-HT 100R17 Leveline High-Temp
Meets or exceeds the requirements of SAE 100R17.
Tube: Nitrile
Reinforcement: Z\v” thru C\,” One wire braid, Z|x” thru 1” Two wire braids
Cover: Blue, high-temperature synthetic rubber cover
Temperature: -40°C to +150°C (-40°F to +302°F)
Packaging: Reels
Application: High-temperature applications for petroleum based hydraulic fluids, gasoline, water, diesel fuels and
lubricating oils, biodegradeable hydraulic oil, fire resistant synthetic polyesters,
SAE J1942/1 USCG – H accepted.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT ONE PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
AXT-04HT
Z\v
0.48
12.3
3,000
12,000
2.0
50
0.13
E
AXT-06HT
C\,
0.63
15.9
3,000
12,000
2.6
65
0.20
E
AXT-08HT
Z|x
0.75
19.1
3,000
12,000
3.5
90
0.26
E
AXT-10HT
B\,
0.94
23.9
3,000
12,000
3.9
100
0.42
E, N
AXT-12HT
C\v
1.10
28.0
3,000
12,000
4.7
120
0.48
E, N
AXT-16HT
1
1.39
35.3
3,000
12,000
5.9
150
0.76
E, N
www.
.com
V04.21


Similar Part No. - AXT-06HT

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
AXT-06 FLEXTRAL-AXT-06 Datasheet
1Mb / 1P
3000 PSI
V04.21
AXT-0606T FLEXTRAL-AXT-0606T Datasheet
332Kb / 1P
Leveline Twinline
V04.21
AXT-0608T FLEXTRAL-AXT-0608T Datasheet
332Kb / 1P
Leveline Twinline
V04.21
AXT-06PS FLEXTRAL-AXT-06PS Datasheet
1Mb / 1P
PRO-SHIELD
V04.21
More results

Similar Description - AXT-06HT

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC210HT-1R0L-RC ALLIED-TC210HT-1R0L-RC_10 Datasheet
1Mb / 1P
Toroidal Chokes High Temp
TC220HT ALLIED-TC220HT Datasheet
1Mb / 1P
Toroid Chokes High Temp
TC230HT ALLIED-TC230HT Datasheet
1Mb / 1P
Toroidal Chokes High Temp
logo
Assmann Electronics Inc...
A-2004-2-4-LP-SMT ASSMANN-A-2004-2-4-LP-SMT Datasheet
286Kb / 1P
HIGH TEMP POLYESTER
A-20142-LP-FS ASSMANN-A-20142-LP-FS Datasheet
216Kb / 1P
HIGH Temp Nickel plated
logo
XFMRS Inc.
2XF1806-V60 XFMRS-2XF1806-V60 Datasheet
36Kb / 1P
Vert High Temp Inductor
logo
Ironwood Electronics.
LS-BGA346A-05 IRONWOOD-LS-BGA346A-05 Datasheet
132Kb / 1P
High temp substrate
logo
Amphenol Corporation
GSB3-431-33-HR AMPHENOL-GSB3-431-33-HR Datasheet
140Kb / 1P
high temp thermoplastic
GSB4-431-33X-HR AMPHENOL-GSB4-431-33X-HR Datasheet
436Kb / 1P
high temp thermoplastic
GSB4-43T-33X-HR AMPHENOL-GSB4-43T-33X-HR Datasheet
939Kb / 2P
high temp thermoplastic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com