Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP30701MB Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30701MB
Description  DUALSLIM USB-C 3.1 F-F METAL FRAME FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30701MB Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30701MB Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
RoHS
©
09/2023
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
VARIANTS
Part No.
CP30701M
DUALSLIM USB-C 3.1 F-F Nickel frame, CSK holes
CP30701MB
DUALSLIM USB-C 3.1 F-F Black metal frame, CSK holes
CP30701M3
DUALSLIM USB-C 3.1 F-F Nickel frame, M3 holes
CP30701MB3
DUALSLIM USB-C 3.1 F-F Black metal frame, M3 holes
CP30701M440
DUALSLIM USB-C 3.1 F-F Nickel frame, #4-40 holes
CP30701MB440
DUALSLIM USB-C 3.1 F-F Black metal frame, #4-40 holes
CP30701MX1
DUALSLIM USB-C 3.1 F-F Nickel frame, Ø3.2 PLAIN holes
CP30701MBX1
DUALSLIM USB-C 3.1 F-F Black metal frame, Ø3.2 PLAIN holes
Feedthrough Features

Fits standard
cutout.
rectangular

Front or rear mounting through the panel.

Various hole mounting options.

No soldering or punch termination. Use standard cable for
each connector style.

Low rear profile.
General:
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
DUALSLIM USB-C 3.1 F-F METAL
FRAME FEEDTHROUGH CONNECTOR
Materials:
FT Frame: Nickel Plated Zinc Diecast
Insert: ABS, UL94 HB
USB-C Insulator: LCP, UL94 V-0
USB-C Specification:
Maximum Rated Current - 5A
Maximum Power - 100W
Withstanding Voltage - 100V for 1 minute.
Contact Resistance - 40mΩ maximum.
Insulation Resistance - 100 MΩ minimum.
Insertion Life - 5,000 Cycles.
Can be front or rear mounted in the panel
N.B.
FUNCTIONALITY IS AFFECTED BY CABLE QUALITY, LENGTH AND CABLE WIRING CONFIGURATION.
NOT COMPATIBLE FOR POWER DELIVERY (PD) CHARGING.
4x HOLE VA
TS
RIAN
Ø3.2mm CSK 90° x Ø5.85
M3 x 0.5 THREAD
#4
UNC THREAD
-40
PLAIN Ø3.2 HOLES
35.5
19.0
17.15
(0.
)
675"
22.86
(0.900") 29.00
HO E
L S TO SUIT
SCREW USED
29.00
DUAL MOUNT
CAN BE FRONT OR
REAR MOUNTED
29.0
2.3
2.80
22.5
16.7
A1
A 2
1
B 2
1
B1
A1
A 2
1
B 2
1
B1


Similar Part No. - CP30701MB

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30700G CLIFF-CP30700G Datasheet
409Kb / 1P
DUALSLIM HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
CP30700GM CLIFF-CP30700GM Datasheet
407Kb / 1P
DUALSLIM HDMI FEMALE - FEMALE METAL FRAME FEEDTHROUGH
CP30700GM3 CLIFF-CP30700GM3 Datasheet
407Kb / 1P
DUALSLIM HDMI FEMALE - FEMALE METAL FRAME FEEDTHROUGH
CP30700GM440 CLIFF-CP30700GM440 Datasheet
407Kb / 1P
DUALSLIM HDMI FEMALE - FEMALE METAL FRAME FEEDTHROUGH
CP30700GMB CLIFF-CP30700GMB Datasheet
407Kb / 1P
DUALSLIM HDMI FEMALE - FEMALE METAL FRAME FEEDTHROUGH
More results

Similar Description - CP30701MB

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Tripp Lite. All Rights ...
T050-001-USB-C TRIPPLITE-T050-001-USB-C Datasheet
172Kb / 3P
USB-C Voltage and Current Tester Kit - LCD Screen, USB 3.1 Gen 1, M/F
U325-000-IND TRIPPLITE-U325-000-IND Datasheet
167Kb / 3P
USB 3.0 Coupler, SuperSpeed, 3.0/3.1, Industrial - USB-A F/F, Shielded, IP67, Dust Cap, TAA
U444-06N-VB-AM TRIPPLITE-U444-06N-VB-AM Datasheet
165Kb / 3P
USB-C to VGA Adapter, Thunderbolt 3 - M/F, USB 3.1, 1080p, Black
U444-06N-DVIBAM TRIPPLITE-U444-06N-DVIBAM Datasheet
166Kb / 3P
USB-C to DVI Adapter, USB 3.1, Thunderbolt 3, 1080p - M/F, Black
logo
HARTING Technology Grou...
09-11-000-9938 HARTING-09-11-000-9938 Datasheet
511Kb / 2P
Frame 4xHC250-F
2021-10-01
09-11-000-9926 HARTING-09-11-000-9926 Datasheet
482Kb / 2P
Frame 4xHC250-F
2021-10-01
logo
Electronic Components L...
CP30201 CLIFF-CP30201 Datasheet
306Kb / 1P
FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30211 CLIFF-CP30211 Datasheet
291Kb / 1P
USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com