Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC681375VH. Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FC681375VH.
Description  3.5mm VERTICAL JACK SOCKET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC681375VH. Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FC681375VH. Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
3.5mm VERTICAL JACK SOCKET
Stereo switched 3.5mm jack socket. Vertical PCB mounting. Supplied with ring nut or hex nut.
FC681375V
WITH RING NUT
FC681375VH
WITH HEX NUT
Specification
Contact Resistance: 30m
max.
W
Insulation Resistance: 100M
min. at DC 500V
W
Dielectric Withstand Voltage: AC 500V for 1 minute
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
09/2022
.5
CLIFF
ISS


Similar Part No. - FC681375VH.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC681375VH ETC2-FC681375VH Datasheet
697Kb / 2P
3.5mm VERTICAL JACK SOCKET
More results

Similar Description - FC681375VH.

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
List of Unclassifed Man...
FC68131 ETC2-FC68131 Datasheet
188Kb / 1P
3.5mm STEREO PC JACK SOCKET
FC681374V ETC2-FC681374V Datasheet
697Kb / 2P
3.5mm VERTICAL JACK SOCKET
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
List of Unclassifed Man...
MJ-064H ETC1-MJ-064H Datasheet
488Kb / 2P
3.5mm Jack - Socket, 4 pole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com