Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0RFC0 Datasheet(PDF) 76 Page - Numonyx B.V

Part # JS48F4400P0RFC0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFC0 Datasheet(HTML) 76 Page - Numonyx B.V

Back Button JS48F4400P0RFC0 Datasheet HTML 72Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 73Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 74Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 75Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 76Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 79Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 80Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
76
309823-10
9.0
NOR Flash Operations
This section describes the operational features of NOR flash memory. Operations are
command-based—command codes are first issued to the device, and then the device
performs the desired operation. All command codes are issued to the device using bus-
write cycles as explained in Section 3.0, “NOR Flash Bus Interface” on page 10. A
complete list of available command codes can be found in Section 5.0, “Device
Command Codes” on page 40.
9.1
Status Register
The Status Register (SR) is a 16-bit, read-only register that indicates device and
partition status, and operational errors. To read the Status Register, issue the Read
Status Register command. Subsequent reads output Status Register information on
AD/DQ[15:10].
SR status bits are set and cleared by the device. SR error bits are set by the device,
and must be cleared using the Clear Status Register command. Upon power-up or exit
from reset, the Status Register defaults to 0080h.
Table 29: Status Register Bit Definitions (Sheet 1 of 2)
Status Register (SR) Bits
Default Value = 0080h
Reserved
Region
Program
Status
Ready
Status
Erase
Suspend
Status
Erase
Error
Program
Error
Program
/Erase
Voltage
Error
Program
Suspend
Status
Block-
Locked
Error
Partition
Status
15-10
9-8
7
6
543
2
1
0
Bit
Name
Description
15-10
Reserved
Reserved for future use; these bits will always be set to zero.
9-8
Region Program Status
SR9
SR8
0
0 = Region program successful.
1
0 = Region program error - Attempted write with object data to Control
Mode region.
0
1 = Region program error - Attempted rewrite to Object Mode region.
1
1 = Region program error - Attempted write using illegal command.
SR4 will also be set along with SR[8,9] for the above error
conditions.
7Ready Status
0 = Device is busy; SR[9:8], SR[6:1] are invalid;
1 = Device is ready; SR[9:8], SR[6:1] are valid.
6
Erase Suspend Status
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5
Erase
Error /
Blank
Check
Error
Command
Sequence Error
SR5
SR4
0
0 = Program or erase operation successful.
0
1 = Program error - operation aborted.
1
0 = Erase error: operation aborted / Blank check error: operation failed.
1
1 = Command sequence error - command aborted.
4
Program
Error
3VPP Error
0= VPP within acceptable limits during program or erase operation.
1= VPP not within acceptable limits during program or erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com