Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG1908P Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG1908P
Description  HyperLink Wireless 1.9 GHz 8 dBi Flat Patch Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG1908P Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG1908P Datasheet HTML 1Page - Infinite Electronics International, Inc. HG1908P Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 1.9 GHz 8 dBi Flat Patch Antenna
Model: HG1908P
Features
Compact size, 4.5" Square
Durable UV-stable, UL flame rated radome
Low loss solid brass element
12 inch coax lead
Can be installed for either vertical or horizontal polarization
Applications
1.9 GHz band applications
PCS cellular radio applications
Description
This very compact 1.9GHz flat patch antenna provides 8 dBi gain with very broad coverage. It is
suitable for both indoor and outdoor applications in the 1.9 GHz band. Typical applications include
Personal Communication Services (PCS) cellular radio wireless applications where directional coverage
and low visibility are desired. This antenna is lightweight and features an aesthetic UV-stable, UL flame
rated white plastic radome which can also be painted to match the room or building structure.
The HG1908P can be installed for horizontal or vertical polarization. It can be wall or ceiling mounted,
as well as mast-mounted using U-bolts.
Specifications
Electrical Specifications
Frequency
1880 - 1990 MHz
Gain
8 dBi
Horizontal Beam Width
75 degrees
Vertical Beam Width
65 degrees
Impedance
50 Ohm
Max. Input Power
25 Watts
VSWR
< 1.5:1 avg.
Lightning Protection
DC Short


Similar Part No. - HG1908P

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG1908P-NF L-COM-HG1908P-NF Datasheet
88Kb / 1P
Detail - HG2409P Antenna
06/04/04
More results

Similar Description - HG1908P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ANP-C-115 MACOM-ANP-C-115 Datasheet
105Kb / 2P
1.9 GHz Patch Antenna for PCN
logo
Pasternack Enterprises,...
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
3.0 dBi ANTENNA
WAN10RSP HONEYWELL-WAN10RSP Datasheet
824Kb / 1P
5.0 dBi ANTENNA
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W3029 PULSE-W3029 Datasheet
1Mb / 3P
1.9 GHz RX Diversity Ceramic Antenna
logo
Neutrik AG
NXPA-2-360 NEUTRIK-NXPA-2-360 Datasheet
35Kb / 1P
5 GHz antenna 2 dBi 360째H 360째V
NXPA-18-18-18 NEUTRIK-NXPA-18-18-18 Datasheet
25Kb / 1P
5 GHz antenna 18 dBi 18째H 18째V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com