Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42RFS Datasheet(PDF) 1 Page - Optronics International

Part # A42RFS
Description  Replacement lenses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

A42RFS Datasheet(HTML) 1 Page - Optronics International

  A42RFS Datasheet HTML 1Page - Optronics International A42RFS Datasheet HTML 2Page - Optronics International A42RFS Datasheet HTML 3Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
REPLACEMENT LENSES
Replacement lenses
Available in bulk, polypack and retail packaging
Products
Bulk
Polypack
Diodes
Description
Qty
AILL33B
AILL33BP
Replacement lens for RVILL33 and RVILL34
50
A2RB
A2RBP
Red replacement side marker lens for
ST2/3/4/5 lights
25
A11RB
A11RBP
Red replacement lens for MC11 marker light
50
A16RB
A16RBP
Replacement lens set with (1) each tail light
lens and side marker lens for ST16/17
50
A0030ABB
A0030ABBP
Yellow replacement lens for MCL0030ABB
and MCL0028ABB
50
A0030RBB
A0030RBBP
Red replacement lens for MCL0030RBB and
MCL0028RBB
50
A0040AB
A0040ABP
Yellow replacement lens for MCL0040 series
lights, built­in reflex, snap­on
50
A0040RB
A0040RBP
Red replacement lens for MCL0040 series
lights, built­in reflex, snap­on
50
A31AFS
Yellow replacement lens for MC31
6
A32AB
A32ABP
Yellow replacement lens for MC/MCL32
50
A32RB
A32RBP
Red replacement lens for MC/MCL32
50
A35AEB
A35AEBP
Yellow replacement lens for MC35AEB
50
A36AB
A36ABP
Yellow replacement lens for MC35/36
50
A36RB
A36RBP
Red replacement lens for MC35/36
50
A38AB
A38ABP
Yellow replacement lens for MC38
50
A38RB
A38RBP
Red replacement lens for MC38
50
A42AFS
Retail pack: Yellow replacement lens for
MC42
6
A42RFS
Retail pack: Red replacement lens for MC42
6
A44AB
A44ABP
Yellow replacement lens for MC/MCL44
10
A44RB
A44RBP
Red replacement lens for MC/MCL44
10
A60RB
A60RBP
Replacement tail light lens for ST60 Series
25
A66AB
A66ABP
Yellow replacement lens for MC66
50
A66RB
A66RBP
Red replacement lens for MC66
50
A68AB
A68ABP
Yellow replacement lens for MC68
50
A68RB
A68RBP
Red replacement lens for MC68
50
A90AB
A90ABP
Yellow replacement lens for ST90AB
5
A90RB
A90RBP
Red replacement lens for ST90RB
5
AST60B
AST60BP
Tail light lens for RVST60/61, RVSTL60/61,
and RVSTL0060/61 lights, passenger side
10
AST61B
AST61BP
Tail light lens for RVST60/61, RVSTL60/61,
and RVSTL0060/61 lights, driver side
10
A36R
Retail pack: Set of tail and side marker light
replacement lenses, clam
12
A8RK
Retail pack: Tail and side marker lens set, clam
12
A8RK6
Retail pack: Tail and side marker lens set, clam
6
A16R6
Retail pack: Replacement lens set with (1)
each tail light and side marker lens, clam
6
A20R
A20RP
Red replacement lens for ST20/21 lights
12
A42AB
A42ABP
DISCONTINUED (see A42AFS) ­ Yellow
replacement lens for MC42
10
A44A500B
DISCONTINUED ­ Yellow replacement lens for
MC44, 500­pack
500
APL1AB
APL1ABP
DISCONTINUED ­ Yellow replacement lens for
RVPL1/3 porch/utility lights
10
APL5AB
APL5ABP
DISCONTINUED ­ Yellow replacement lens for
RVPL5/7 porch/utility lights
10
A39RB
A39RBP
DISCONTINUED (see A36R) ­ Replacement tail
light lens for ST36/37
10
A42RB
A42RBP
DISCONTINUED (see A42RFS) ­ Red
replacement lens for MC42
10
A43RB
A43RBP
DISCONTINUED ­ Red replacement lens with
reflex for ST42
25
A44R500B
DISCONTINUED ­ Red replacement lens for
MC44, 500­pack
500
AIL21B
AIL21BP
DISCONTINUED ­ Clear replacement lens for
RVIL21/22 interior lights
10
ARVIL35B
ARVIL35BP
DISCONTINUED ­ Clear replacement lens for
RVIL35/36 RV interior lights
10
AL16RB
AL16RBP
DISCONTINUED ­ Replacement tail light lens
for STL16/17RB/RS and TLL16/160RK
50
A10R1B
A10R1BP
DISCONTINUED ­ Replacement lens for
RVSTL10/11 RV tail light
25
AL17RB
AL17RBP
DISCONTINUED ­ Replacement side marker
light lens for STL16/17RB/RS and
TLL16/160RK
50
A8RB
A8RBP
DISCONTINUED (see A8RK) ­ Red tail light
lens for ST2/3/4/5/6/7/8/9 lights
50
A9RB
A9RBP
DISCONTINUED (see A8RK) ­ Red side marker
light lens for ST6/7/8/9 lights
50
A24RB
A24RBP
DISCONTINUED (see A24RFS) ­ Red
replacement lens for ST24/25 lights
25
A9R
DISCONTINUED (see A8RK) ­ Retail pack: Red
side marker light lens, clam
12
A20FR
DISCONTINUED ­ Red replacement lens for
ST20/21 lights
12
A0028RB
A0028RBP
DISCONTINUED ­ Red replacement lens for
MCL0030RBB and MCL0028RBB
50
A0028AB
A0028ABP
DISCONTINUED ­ Yellow replacement lens for
MCL0028ABB and MCL0030ABB
50
A16R
DISCONTINUED (see A16R6) ­ Retail pack:
Replacement lens set with (1) each tail light
and side marker lens, clam
12
A17RB
A17RBP
DISCONTINUED ­ Replacement lens for
ST16/17 side marker
50
A31AB
A31ABP
DISCONTINUED (see A31AFS) ­ Yellow
replacement lens for MC31
50
A31RB
A31RBP
DISCONTINUED (see A31RFS) ­ Red
replacement lens for MC31
50
A37RB
A37RBP
DISCONTINUED (see A36R) ­ Replacement
side marker light lens for ST36/37
50
A40RB
A40RBP
DISCONTINUED ­ Red replacement lens for
ST40
25
A52AB
A52ABP
DISCONTINUED ­ Lens Tail Light for ST52RB
series, Amber.
25
A52RB
A52RBP
DISCONTINUED ­ Red replacement lens for
ST51/52 lights
25
APLL11AB
APLL11ABP
DISCONTINUED ­ Yellow replacement lens for
RVPLL11AB and RVPLL13AB
200
APLL11CB
APLL11CBP
DISCONTINUED ­ Clear replacement lens for
RVPLL11CB and RVPLL13CB
200
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Acrylic, polycarbonate
VOLT/AMP:
WT/DIMS:
WARRANTY:


Similar Part No. - A42RFS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A42 JIANGSU-A42 Datasheet
260Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Daya Electric Group Co....
A42 DAYA-A42 Datasheet
185Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
A42 HTSEMI-A42 Datasheet
189Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
A42 WINNERJOIN-A42 Datasheet
146Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Tiger Electronic Co.,Lt...
A42 TGS-A42 Datasheet
224Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - A42RFS

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PLLX ALTECH-PLLX Datasheet
191Kb / 1P
30 mm Replacement Lenses for pilot lights PLLx (x=color)
logo
ALPS ELECTRIC CO.,LTD.
FLGB1ZH ALPS-FLGB1ZH Datasheet
133Kb / 2P
Micro Aspherical Glass Lenses
logo
Dialight Corporation
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
20mm LENSES AND HOLDERS
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
20mm LENSES AND HOLDERS
logo
List of Unclassifed Man...
LRC-LRF ETC1-LRC-LRF Datasheet
1,022Kb / 10P
FHS LENSES SERIES
logo
Molex Electronics Ltd.
130112-0185 MOLEX11-130112-0185 Datasheet
31Kb / 1P
Replacement Cordset 1083-3 Field Replacement
logo
Zilog, Inc.
ZAA09GIT1 ZILOG-ZAA09GIT1 Datasheet
2Mb / 48P
ZMOTION짰 Lenses
logo
Ledil, Inc.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
Basepart for reflectors and lenses
logo
PHOENIX CONTACT
1205956 PHOENIX-1205956 Datasheet
47Kb / 2P
Replacement die
logo
Pepperl+Fuchs Inc.
VOS-LE-M12-KIT PF-VOS-LE-M12-KIT Datasheet
434Kb / 1P
S-mount lenses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com