Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2404MGU-RSP Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # HG2404MGU-RSP
Description  2.4 GHz 4dBi OMNI ANTENNA W/ INTEGRAL N-MALE CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2404MGU-RSP Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  HG2404MGU-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2404MGU-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2404MGU-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEE CHART FOR
CONNECTOR TYPE
.195 BLACK
COAX CABLE
SEE CHART FOR
CABLE LENGTH
3.5 89
RoHS Compliant 
NOTES:

WITH L-COM SPEC PKG-00012.
W/ COAX CABLE AND CONNECTOR
-ALL DIMENSIONS FOR REFERENCE-
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
DOMED MAGNETIC ANTENNA MOUNT
ANTENNA MOUNT
MODEL# HMA3-XXXAYY
1st SUFFIX(XXX) = CONNECTOR TYPE
2nd SUFFIX(YY)
CABLE LENGTH(FT)
01 TO 10 FEET
(+1 INCH, -0)
NF
N-FEMALE
EXAMPLE:
HMA3-NF02
NM
N-MALE
RSP
RP SMA-PLUG
RSJ
RP SMA-JACK
RTP
RP TNC-PLUG
RTJ
RP TNC-JACK
RNP
RP N-PLUG
RNJ
RP N-JACK
SM
SMA MALE
SF
SMA FEMALE
TM
TNC MALE
TF
TNC FEMALE
BM
BNC MALE
RBP
RP BNC PLUG
RBJ
RP BNC JACK
WM
WAVE RIDER COMPATIBLE TYPE
AM
ORiNOCO COMPATIBLE TYPE
QP
QMA PLUG RIGHT ANGLE
UNLESS OTHERWISE SPECIFIED,
P.PESA
A
B
C
B.PUCHASKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
1
HMA3-XXXAYY
8
1
MAY OCCUR
A
HMA3-XXXAYY.SLDDRW
09/09/11
REVISIONS
DESCRIPTION
APPROVED
REV
INITIAL RELEASE
-
P.PESA
-
-
09/09/11
09/09/11
A
B.PUCHASKI
DATE
-
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
09/09/11
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
N-FEMALE
CONNECTOR
1.6 40
1.1 27



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com