Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR890L Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # MBR890L
Description  Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR890L Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  MBR890L Datasheet HTML 1Page - Sirectifier Semiconductors MBR890L Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR870L thru MBR8100L
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.7
0.8
1.0
10
100
0.4
0.5
0.6
0.1
1.0
0.9
PULSE WIDTH 300ua
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.1
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.01
1.0
10
1000
100
60
80
100
TJ = 125 C
0.1
TJ = 25 C
TJ = 75 C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
10000
1000
100
0.1
4
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
50
100
150
200
250
300
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
2
0
50
8
175
CASE TEMPERATURE , C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
6
0
4
RESISTIVE OR INDUCTIVE LOAD
10
TJ = 25 C, f= 1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com