Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC.M0.5GL.CC65V Datasheet(PDF) 1 Page - LEMO Connectors

Part # PAC.M0.5GL.CC65V
Description  REDEL P - Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

PAC.M0.5GL.CC65V Datasheet(HTML) 1 Page - LEMO Connectors

  PAC.M0.5GL.CC65V Datasheet HTML 1Page - LEMO Connectors PAC.M0.5GL.CC65V Datasheet HTML 2Page - LEMO Connectors PAC.M0.5GL.CC65V Datasheet HTML 3Page - LEMO Connectors PAC.M0.5GL.CC65V Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-p-push-pull/pac-m0-5gl-cc65v.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
PAC.M0.5GL.CC65V
Image for illustrative purpose only
Summary
Request a quote
P series catalog
Industry Brochure Medical
Customer Drawing
Number of contacts Low Voltage
5
Wire Size/AWG
24 - 20
Gender
Standard
Plug
Plug - Straight
Locking system
Push-pull
Jacket cable outside diameter [mm]
5.30 - 6.50 mm
Size
1P
Suggested matching part
PLC.M0.5GL.LV
Series
REDEL P - Push-Pull


Similar Part No. - PAC.M0.5GL.CC65V

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PAC.M0.5GL.AC39G LEMO-PAC.M0.5GL.AC39G Datasheet
93Kb / 3P
REDEL P - Push-Pull
PAC.M0.5GL.AC39GZ LEMO-PAC.M0.5GL.AC39GZ Datasheet
102Kb / 4P
REDEL P - Push-Pull
PAC.M0.5GL.AC39J LEMO-PAC.M0.5GL.AC39J Datasheet
101Kb / 4P
REDEL P - Push-Pull
PAC.M0.5GL.AC39V LEMO-PAC.M0.5GL.AC39V Datasheet
94Kb / 3P
REDEL P - Push-Pull
PAC.M0.5GL.AC52A LEMO-PAC.M0.5GL.AC52A Datasheet
85Kb / 4P
REDEL P - Push-Pull
More results

Similar Description - PAC.M0.5GL.CC65V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
844-003 GLENAIR-844-003 Datasheet
260Kb / 1P
Push-Pull Receptacle
logo
Coilcraft lnc.
PA6381 COILCRAFT-PA6381_16 Datasheet
167Kb / 2P
Push-Pull Transformers
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com