Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T08C Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST62T08C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T08C Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST62T08C_99 Datasheet HTML 17Page - STMicroelectronics ST62T08C_99 Datasheet HTML 18Page - STMicroelectronics ST62T08C_99 Datasheet HTML 19Page - STMicroelectronics ST62T08C_99 Datasheet HTML 20Page - STMicroelectronics ST62T08C_99 Datasheet HTML 21Page - STMicroelectronics ST62T08C_99 Datasheet HTML 22Page - STMicroelectronics ST62T08C_99 Datasheet HTML 23Page - STMicroelectronics ST62T08C_99 Datasheet HTML 24Page - STMicroelectronics ST62T08C_99 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
21/70
ST62T08C/T09C ST62T10C/T20C/E20C
RESETS (Cont’d)
Table 5. Register Reset Status
Register
Address(es)
Status
Comment
Oscillator Control Register
Port Data Registers
Port Direction Register
Port Option Register
Interrupt Option Register
TIMER Status/Control
0DCh
0C0h to 0C1h
0C4h to 0C5h
0CCh to 0CDh
0C8h
0D4h
00h
fINT =fOSC; OSG disabled
I/O are Input with pull-up
I/O are Input with pull-up
I/O are Input with pull-up
Interrupt disabled
TIMER disabled
X, Y, V, W, Register
Accumulator
Data RAM
Data ROM Window Register
A/D Result Register
080H TO 083H
0FFh
084h to 0BFh
0C9h
0D0h
Undefined
As written if programmed
TIMER Counter Register
TIMER Prescaler Register
Watchdog Counter Register
A/D Control Register
0D3h
0D2h
0D8h
0D1h
FFh
7Fh
FEh
40h
Max count loaded
A/D in Standby (When available)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com