Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T08C Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST62T08C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T08C Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST62T08C Datasheet HTML 55Page - STMicroelectronics ST62T08C Datasheet HTML 56Page - STMicroelectronics ST62T08C Datasheet HTML 57Page - STMicroelectronics ST62T08C Datasheet HTML 58Page - STMicroelectronics ST62T08C Datasheet HTML 59Page - STMicroelectronics ST62T08C Datasheet HTML 60Page - STMicroelectronics ST62T08C Datasheet HTML 61Page - STMicroelectronics ST62T08C Datasheet HTML 62Page - STMicroelectronics ST62T08C Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
59/70
ST62T08C/T09C ST62T10C/T20C/E20C
PACKAGE MECHANICAL DATA (Cont’d)
Figure 44. 20-Pin Plastic Small Outline Package, 300-mil Width
7.2 .ORDERING INFORMATION
Table 20. OTP/EPROM VERSION ORDERING INFORMATION
Sales Type
I/O
Program
Memory (Bytes)
Analog
input
Temperature Range
Package
ST62E20CF1
12
3884 (EPROM)
8
0 to +70
°C
CDIP20W
ST62T08CB6
1036 (OTP)
None
-40 to + 85
°C
PDIP20
ST62T08CM6
PSO20
ST62T09CB6
1036 (OTP)
4
PDIP20
ST62T09CM6
PSO20
ST62T10CB6
1836 (OTP)
8
PDIP20
ST62T10CM6
PSO20
ST62T20CB6
3884 (OTP)
PDIP20
ST62T20CM6
PSO20
ST62T20CB3
3884 (OTP)
-40 to + 125
°C
PDIP20
ST62T20CM3
PSO20
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.0926
0.1043
A1
0.10
0.0040
B
0.33
0.51 0.0130
0.0200
C
0.32
0.0125
D
4.98
13.00 0.1961
0.5118
E
7.40
7.60 0.2914
0.2992
e
1.27
0.050
H
10.01
10.64 0.394
0.419
h
0.25
0.74
0.010
0.029
K
0
°
8
°
0
°
8
°
L
0.41
1.27
0.016
0.050
G
0.10
0.004
Number of Pins
N20
SO20
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com