Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032D Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58CR032D
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58CR032D Datasheet HTML 19Page - STMicroelectronics M58CR032D Datasheet HTML 20Page - STMicroelectronics M58CR032D Datasheet HTML 21Page - STMicroelectronics M58CR032D Datasheet HTML 22Page - STMicroelectronics M58CR032D Datasheet HTML 23Page - STMicroelectronics M58CR032D Datasheet HTML 24Page - STMicroelectronics M58CR032D Datasheet HTML 25Page - STMicroelectronics M58CR032D Datasheet HTML 26Page - STMicroelectronics M58CR032D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
23/63
M58CR032C, M58CR032D
The value for the Burst Configuration Register is
always presented on A0-A15. M0 is on A0, M1 on
A1, etc.; the other address bits are ignored.
Table 6. Commands
Note: 1. X = Don’t Care, RA=Read Address, RD=Read Data, SRD=Status Register Data, ESA= Electronic Signature Address, ID=Identifier
(Manufacture and Device Code), QA=Query Address, QD=Query Data, BA=Block Address, PA=Program Address, PD=Program
Data, PRA=Protection Register Address, PRD=Protection Register Data, BCRA=Burst Configuration Register Address,
BCRD=Burst Configuration Register Data.
2. The signature addresses are listed in Tables 8, 9 and 10.
3. Program Addresses 1 and 2 must be consecutive Addresses differing only for A0.
4. Program Addresses 1,2,3 and 4 must be consecutive Addresses differing only for A0 and A1.
Commands
Bus Write Operations
1st Cycle
2nd Cycle
3rd Cycle
4th Cycle
5th Cycle
Op.
Add Data
Op.
Add
Data
Op. Add Data Op.
Add Data
Op. Add Data
Read Memory
Array
1+ Write
BKA
FFh
Read
RA
RD
Read Status
Register
1+ Write
BKA
70h
Read
BKA
SRD
Read Electronic
Signature
1+ Write
ESA
90h
Read ESA(2)
IDh
Read CFI Query
1+ Write
QA
98h
Read
QA
QD
Block Erase
2
Write
BA
20h
Write
BA
D0h
Bank Erase
2
Write
BKA
80h
Write
BKA
D0h
Program
2
Write
PA
40h
or
10h
Write
PA
PD
Double Word
Program
(3)
3
Write
PA1
30h
Write
PA1
PD1
Write
PA2
PD2
Quadruple Word
Program(4)
5
Write
PA1
55h
Write
PA1
PD1
Write
PA2
PD2 Write
PA3
PD3 Write
PA4
PD4
Clear Status
Register
1Write
BKA
50h
Program/Erase
Suspend
1Write
BKA
B0h
Program/Erase
Resume
1Write
BKA
D0h
Block Lock
2
Write
BA
60h
Write
BA
01h
Block Unlock
2
Write
BA
60h
Write
BA
D0h
Block Lock-Down
2
Write
BA
60h
Write
BA
2Fh
Protection
Register Program
2
Write
PRA
C0h
Write
PRA
PRD
Set Burst
Configuration
Register
2
Write BCRA
60h
Write
BCRA
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com