Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR064C Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58CR064C
Description  64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR064C Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58CR064C Datasheet HTML 17Page - STMicroelectronics M58CR064C Datasheet HTML 18Page - STMicroelectronics M58CR064C Datasheet HTML 19Page - STMicroelectronics M58CR064C Datasheet HTML 20Page - STMicroelectronics M58CR064C Datasheet HTML 21Page - STMicroelectronics M58CR064C Datasheet HTML 22Page - STMicroelectronics M58CR064C Datasheet HTML 23Page - STMicroelectronics M58CR064C Datasheet HTML 24Page - STMicroelectronics M58CR064C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
21/70
M58CR064C, M58CR064D, M58CR064P, M58CR064Q
Once set High, the VPP Status bit can only be reset
Low by a Clear Status Register command or a
hardware reset. If set High it should be reset be-
fore a new Program or Erase command is issued,
otherwise the new command will appear to fail.
Program Suspend Status Bit (SR2). The
Pro-
gram Suspend Status bit indicates that a Program
operation has been suspended in the addressed
block. When the Program Suspend Status bit is
High (set to ‘1’), a Program/Erase Suspend com-
mand has been issued and the memory is waiting
for a Program/Erase Resume command. The Pro-
gram Suspend Status should only be considered
valid when the Program/Erase Controller Status
bit is High (Program/Erase Controller inactive).
SR2 is set within 5µs of the Program/Erase Sus-
pend command being issued therefore the memo-
ry may still complete the operation rather than
entering the Suspend mode.
When a Program/Erase Resume command is is-
sued the Program Suspend Status bit returns Low.
Block Protection Status Bit (SR1). The
Block
Protection Status bit can be used to identify if a
Program or Block Erase operation has tried to
modify the contents of a locked block.
When the Block Protection Status bit is High (set
to ‘1’), a Program or Erase operation has been at-
tempted on a locked block.
Once set High, the Block Protection Status bit can
only be reset Low by a Clear Status Register com-
mand or a hardware reset. If set High it should be
reset before a new command is issued, otherwise
the new command will appear to fail.
Reserved Bit (SR0). SR0 is reserved. Its value
must be masked.
Table 8. Status Register Bits
Note: Logic level ’1’ is High, ’0’ is Low.
Bit
Name
Type
Logic Level
Definition
SR7
P/E.C. Status
Status
’1’
Ready
’0’
Busy
SR6
Erase Suspend Status
Status
’1’
Erase Suspended
’0’
Erase In progress or Completed
SR5
Erase Status
Error
’1’
Erase Error
’0’
Erase Success
SR4
Program Status
Error
’1’
Program Error
’0’
Program Success
SR3
VPP Status
Error
’1’
VPP Invalid, Abort
’0’
VPP OK
SR2
Program Suspend Status Status
’1’
Program Suspended
’0’
Program In Progress or Completed
SR1
Block Protection Status
Error
’1’
Program/Erase on protected Block, Abort
’0’
No operation to protected blocks
SR0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com