Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3318 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB3318
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 13MHz Reference Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3318 Datasheet(HTML) 5 Page - SMSC Corporation

  USB3318 Datasheet HTML 1Page - SMSC Corporation USB3318 Datasheet HTML 2Page - SMSC Corporation USB3318 Datasheet HTML 3Page - SMSC Corporation USB3318 Datasheet HTML 4Page - SMSC Corporation USB3318 Datasheet HTML 5Page - SMSC Corporation USB3318 Datasheet HTML 6Page - SMSC Corporation USB3318 Datasheet HTML 7Page - SMSC Corporation USB3318 Datasheet HTML 8Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 13MHz Reference Clock
SMSC USB3318
5
Revision 1.3 (11-02-07)
PRODUCT PREVIEW
3
VBAT
Power
N/A
Regulator input. The regulator supply can
be from 5.5V to 3.1V.
4
VDD3.3
Power
N/A
3.3V Regulator Output. A 2.2uF (<1 ohm
ESR) bypass capacitor to ground is
required for regulator stability. The
bypass capacitor should be placed as
close as possible to the USB3318.
5
DM
I/O,
Analog
N/A
D- pin of the USB cable.
6
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
7
CPEN
Output,
CMOS
High
External 5 volt supply enable. This pin is
used to enable the external Vbus power
supply. The CPEN pin is low on POR.
This pad uses VDD3.3 logic level.
8
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is
the MSB.
9
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
10
DATA[5
I/O,
CMOS
N/A
ULPI bi-directional data bus.
11
DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
12
CLKOUT
Output,
CMOS
N/A
60MHz reference clock output. All ULPI
signals are driven synchronous to the
rising edge of this clock.
13
DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
14
DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
15
DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
16
DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is
the LSB.
17
VDDIO
Power
N/A
1.8V to 3.3V ULPI interface supply
voltage. This voltage sets the value of
VOH for the ULPI interface.
18
NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data.
When the Link is sending data to the
PHY, NXT indicates when the current
byte has been accepted by the PHY. The
Link places the next byte on the data bus
in the following clock cycle.
Table 1 USB3318 Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com