Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN855 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STYN855
Description  Discrete Thyristors(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN855 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STYN855 Datasheet HTML 1Page - Sirectifier Semiconductors STYN855 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STYN255 thru STYN855
Discrete Thyristors(SCRs)
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 75°C
55
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 75°C
35
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
610
A
tp = 10 ms
580
I
²t
I
²t Value for fusing
Tj = 25°C
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr < 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
8
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage (for TN8 & TYN only)
5
V
A
K
G
G
A
K
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
_
1680


Similar Part No. - STYN855

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN855 SIRECTIFIER-STYN855 Datasheet
316Kb / 2P
Thyristor Discretes (SCRs)
More results

Similar Description - STYN855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
Discrete Thyristors(SCRs)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN1030 SIRECTIFIER-STYN1030 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN230 SIRECTIFIER-STYN230 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN225 SIRECTIFIER-STYN225 Datasheet
183Kb / 2P
Discrete Thyristors(SCRs)
STYN216 SIRECTIFIER-STYN216 Datasheet
180Kb / 2P
Discrete Thyristors(SCRs)
STYN212 SIRECTIFIER-STYN212 Datasheet
180Kb / 2P
Discrete Thyristors(SCRs)
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
Discrete Thyristors(SCRs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com