Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN830 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STYN830
Description  Discrete Thyristors(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN830 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STYN830 Datasheet HTML 1Page - Sirectifier Semiconductors STYN830 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STYN230 thru STYN830
Discrete Thyristors(SCRs)
A
K
G
G
A
K
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=TVJM
TC=85
oC; 180o sine
30
19
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
160
180
140
160
A
ITSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
128
134
100
105
A
2s
i
2t
(di/dt)cr
100
500
A/us
(dv/dt)cr
TVJ=TVJM;
VDR=2/3VDRM
RGK=
; method 1 (linear voltage rise)
500
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=300us
5
2.5
W
PGAV
0.5
W
ITRMS
ITAVM
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
Md
Fc
Mounting torque (M3)
Mounting force with clip
0.8...1.2
20...120
Nm
N
Weight
6
g
TVJ=TVJM
repetitive, IT=40A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.15A
non repetitive, IT=ITAVM
diG/dt=0.15A/us
VRGM
10
V
STYN230~830 / STYN1030~1630


Similar Part No. - STYN830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STYN830 ETC2-STYN830 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN830 SIRECTIFIER-STYN830 Datasheet
318Kb / 2P
Thyristor Discretes (SCRs)
More results

Similar Description - STYN830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
Discrete Thyristors(SCRs)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN1030 SIRECTIFIER-STYN1030 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN255 SIRECTIFIER-STYN255 Datasheet
122Kb / 2P
Discrete Thyristors(SCRs)
STYN225 SIRECTIFIER-STYN225 Datasheet
183Kb / 2P
Discrete Thyristors(SCRs)
STYN216 SIRECTIFIER-STYN216 Datasheet
180Kb / 2P
Discrete Thyristors(SCRs)
STYN212 SIRECTIFIER-STYN212 Datasheet
180Kb / 2P
Discrete Thyristors(SCRs)
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
Discrete Thyristors(SCRs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com