Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 1007
Description  1007 DC Millivolt Potentiometer and Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

1007 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  1007 Datasheet HTML 1Page - Time Electronics Ltd. 1007 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
1007 DC Millivolt Potentiometer and Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
04/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Output..................................................................... 0 to 999.9 mV in 3 ranges:
.................................................................................
................................................................................. 1 V range: 0 to 999.9 mV in 0.1 mV steps.
.................................................................................
................................................................................. 100 mV range: 0 to 99.99 mV in 10 µV steps.
................................................................................. 10 mV range: 0 to 9.999 mV in 1 µV steps.
Accuracy ................................................................ ± (0.02 % of setting + 0.02 % of range + 1 µV).
Output resistance.................................................. Less than 0.2 Ω on 1 V and 100 mV ranges. 1 Ω on 10 mV range.
Maximum output current ...................................... 1 V and 100 mV ranges: 20 mA. 10 mV range: Up to short circuit value although
................................................................................. it should be noted that loads of less than 1 kΩ will give greater than 0.1 % error.
Output voltage stability......................................... Less than 60 ppm/°C. Less than 100 ppm per 3 months (non-cumulative).
Operating temperature ......................................... –10 °C to + 60 °C.
Output polarity....................................................... Positive or negative switch selected. A centre ‘off’ position is also provided.
Output noise level ................................................. Less than 30 ppm of full scale.
Reference source .................................................. Precision bandgap reference diode, for stability and low temperature coefficient.
Maximum overload................................................ The instrument can withstand continuous short circuit on the output for all ranges.
Null Balance Display............................................. On a front panel meter, zero and sensitivity controls are provided:
................................................................................. Maximum sensitivity: ± 20 µV f.s.d. ( 3 µV resolution).
................................................................................. Minimum sensitivity: ± 200 mV f.s.d.
................................................................................. Input resistance: Greater than 1 MΩ.
Power supply ......................................................... 6 AA size (51 x 14 mm) batteries. A battery level indicator displays when the batteries
................................................................................. should be changed. An alternative power source is 6 NiMH cells of the same dimensions.
................................................................................. These can be recharged via a socket on the top of the unit.
................................................................................. The 6 rechargeable batteries and mains recharger are available as an optional extra.
General Specification
Dimensions ............................................................ 200 x 75 x 110 mm (215 x 100 x 120 mm including protective cover).
Weight..................................................................... 0.75 kg (1.2 kg including protective cover).
Optional extras ...................................................... Carry case.
.................................................................................
................................................................................. Rechargeable battery pack with mains charger.
................................................................................. Calibration certificates - traceable (factory) or accredited (ISO 17025).
Country of origin.................................................... UK.
Ordering Information
1007......................................................................DC Millivolt Potentiometer and Calibrator
9027......................................................................... Carry case
9529......................................................................... Rechargeable battery pack (6 NiMH cells and mains charger)
C150........................................................................ Traceable calibration certificate (Factory)
C100........................................................................ Accredited calibration certificate (ISO 17025)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com