Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9021 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9021
Description  1010 DC Voltage Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9021 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9021 Datasheet HTML 1Page - Time Electronics Ltd. 9021 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
1010 DC Voltage Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A highly stable and accurate mains or battery powered calibrator
suitable for applications requiring a precision voltage source of low
internal resistance. It has five ranges up to 10 V with a resolution
up to 0.01 μV. The compact and robust design make it easily portable
and well suited to laboratory, field and industrial use. A carry case is
available to house the instrument for transport or storage.
Voltage outputs are set by selecting the range switch and dialling up
the desired value on the thumbwheel switch. Output polarity may be
selected using the normal/off/reverse switch. The calibrator output
resistance is typically 500 mΩ on the 10 V, 1 V and 0.1 V ranges.
The maximum output current that can be drawn on these ranges is
limited to 25 mA maintaining specification. The lower ranges have an
output resistance of 1 Ω and will supply current up to 30 mA.
A precision zener diode is used as a reference source that provides an
input to a F.E.T. chopper amplifier system operating in a feedback
stabilised mode. The gain value is determined by a set of precision
metal film resistors, selected by the 5-decade thumbwheel switch on
the front panel.
The output voltage is variable from 0.01 μV to 9.9999 V in 5 ranges.
For complete reliability, the calibrator range switch employs two
contacts in parallel for each position in case one contact fails, ensuring
the calibrator will still function correctly.
The 1010 output connections are via safety terminals that are compatible
with 4 mm shrouded plugs, standard plugs, bare wires, and spade
terminals. These terminals are specifically designed with safety features
including limited opening distance and a raised flange around the metal
connection surface. This ensures that the clearances are sufficient to
make the exposed metal parts touch-proof.
Features
• 0.01 μV to 10 V in 5 ranges
• Accuracy 0.02 %
• 10 ppm/hr stability
• 30 mA output current
• Safety terminals
• Battery or mains operation
• 40 hours typical use between charges
• Battery level indicator
• Optional carry case
Portable Operation
The 1010 can be powered from mains supply or by the internal
rechargeable battery pack. When the calibrator is plugged into the
mains supply the internal batteries will automatically start to recharge.
If unplugged from the mains during operation the internal batteries will
continue to power the instrument. Full charge allows 40 hours typical
use. An LED indicator on the front panel displays the battery condition.
Applications
The 1010 can be used for calibration, linearity, and gains stability
measurements on DC amplifiers, digital and electronic voltmeters,
data loggers and chart recorders. It’s high 10 ppm per hour stability
and very low noise levels are ideal for these types of applications.


Similar Part No. - 9021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9021 ETC2-9021 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9021 HEYCO-9021 Datasheet
152Kb / 2P
Snap Rivets
logo
Time Electronics Ltd.
9021 TIME-ELECTRONICS-9021 Datasheet
294Kb / 2P
1024 DC Current Calibrator
04/22
9021 TIME-ELECTRONICS-9021 Datasheet
2Mb / 2P
2003S-2003N Precision Voltage Calibrator and Potentiometer
logo
List of Unclassifed Man...
9021-0034 ETC1-9021-0034 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
More results

Similar Description - 9021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Assmann Electronics Inc...
A-DIO-TOP-04 ASSMANN-A-DIO-TOP-04 Datasheet
532Kb / 1P
ASS 1010 CO
logo
PHOENIX CONTACT
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703008 PHOENIX-2703008 Datasheet
987Kb / 29P
Injector - INJ 1010-T
Dec 6, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com