Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C102 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # C102
Description  1010 DC Voltage Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C102 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  C102 Datasheet HTML 1Page - Time Electronics Ltd. C102 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
1010 DC Voltage Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
04/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Output..................................................................... 0 to 9.9999 V in 5 ranges:
................................................................................. 10 V range: 0 to 9.9999 V in 100 μV steps.
................................................................................. 1 V range: 0 to 999.99 mV in 10 μV steps.
................................................................................. 100 mV range: 0 to 99.999 mV in 1 μV steps.
................................................................................. 10 mV range: 0 to 9.9999 mV in 0.1 μV steps.
................................................................................. 1 mV range: 0 to 999.99 μV in 0.01 μV steps.
Accuracy ................................................................ 10 V and 1 V ranges: ± (0.02 % of setting + 0.005 % of range).
................................................................................. 100 mV range: ± (0.05 % of setting + 0.005 % of range + 1 μV).
................................................................................. 10 mV and 1 mV ranges: ± (0.05 % of setting + 0.005 % of range + 4 μV).
Output resistance.................................................. 10 V, 1 V, and 100 mV ranges: Less than 0.1 Ω (typically 0.05 Ω).
................................................................................. 10 mV and 1 mV ranges: 1 Ω.
Maximum output current ...................................... 10 V, 1 V and 100 mV ranges: 25 mA.
................................................................................. 10 mV & 1 mV ranges: Up to short circuit value 30 mA,
................................................................................. Note: Loads of greater than 1 kΩ will give greater than 0.1 % error.
Maximum overload................................................ The instrument can withstand continuous short circuit on the output for all ranges.
................................................................................. The 10 V, 1 V and 100 mV ranges have an automatic output current limit set at approximately 30 mA.
Output voltage stability......................................... Less than 30 ppm per °C (0 to + 50 °C). Less than 5 ppm per V variation in supply voltage.
................................................................................. Less than 75 ppm per year. Less than 10 ppm per hour at constant temperature.
Output polarity....................................................... Positive or negative switch selected. A centre ‘off’ position is also provided.
Output noise level ................................................. 10 V, 1 V, & 100 mV ranges: Less than 10 ppm of setting ± 2 μV (0 to 10 Hz).
................................................................................. 10 mV & 1 mV ranges: Less than ± 0.05 μV (0 to 10 Hz).
Reference source .................................................. Precision zener diode selected after a special ageing process for a temperature coefficient
................................................................................. better than 5 ppm per °C and stability better than 10 ppm per month, non cumulative.
Power supply ......................................................... Time Electronics power unit type PU2 which is housed in the rear of the 1010.
................................................................................. The PU2 will power the 1010 direct from the mains or an internal rechargeable battery.
................................................................................. The battery is automatically charged when mains power is connected.
................................................................................. Access to the power supply is from the back of instrument.
Battery level indicator ........................................... A front panel LED provides an indication of the battery condition.
General Specifications
Dimensions ............................................................ W 217 x H 160 x D 193 mm.
Weight..................................................................... 3.3 kg.
Optional extras ...................................................... Leather carry case.
................................................................................. Calibration certificates - traceable (Factory) or accredited (ISO 17025).
Country of origin.................................................... UK.
Ordering Information
1010......................................................................DC Voltage Calibrator
9021......................................................................... Carry case
C151........................................................................ Traceable calibration certificate (Factory)
C102........................................................................ Accredited calibration certificate (ISO 17025)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com