Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9021 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9021
Description  1024 DC Current Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9021 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9021 Datasheet HTML 1Page - Time Electronics Ltd. 9021 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
1024 DC Current Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A precision DC current source for calibration and test applications
from nanoamp levels to 100 mA. The 1024 is a solid state battery
powered instrument which is easily portable and convenient for
laboratory, field, or industrial use. It incorporates many of the
well-proven circuit techniques of the Time Electronics type 1010 DC
voltage calibrator.
The null balance system enables the 1024 to be used for making
accurate current measurement in addition to its basic function
as a calibrator. Operation is by backing the current source output
against the current to be measured, with the difference being
displayed on a sensitive centre zone null meter. At the null point, there
is no voltage drop across the 1024.
Stability and Temperature Coefficient
The 1024 employs a precision aged reference diode as a basic
reference source. Excellent zero stability is ensured by the use of a
high performance FET chopper amplifier system.
Precision metal film resistors with temperature coefficients of less than
10 ppm per °C are used to maintain the accuracy and stability of the
initial calibration.
Safety Terminals
The 1024 output connections are via safety terminals that are
compatible with 4 mm shrouded plugs, standard plugs, bare wires,
and spade terminals.
These terminals are specifically designed with safety features
including limited opening distance and a raised flange around the
metal connection surface. This ensures that the clearances are
sufficient to make the exposed metal parts touch-proof.
Features
• 0 to 100 mA in 5 ranges
• Accuracy 0.02 %
• 10 ppm/hr stability
• 30 ppm/°C temperature coefficient
• Up to 15 V output drive
• Battery or mains operation
• 12 hours typical use between charges
• Battery level indicator
• Optional carry case
Portable Operation
The 1024 can be powered from mains supply or by the internal
rechargeable battery pack. When the calibrator is plugged into the
mains supply the internal batteries will automatically start to recharge.
If unplugged from the mains during operation the internal batteries will
continue to power the instrument. Full charge allows 12 hours typical
use. An LED indicator on the front panel displays the battery condition.
Applications
Applications include calibration and testing of current sensitive
transducers; calibration and linearity tests on digital and electronic
current meters; and semiconductor parameter measurements, for
example diode conduction voltages at specified current levels.


Similar Part No. - 9021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9021 ETC2-9021 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9021 HEYCO-9021 Datasheet
152Kb / 2P
Snap Rivets
logo
Time Electronics Ltd.
9021 TIME-ELECTRONICS-9021 Datasheet
510Kb / 2P
1010 DC Voltage Calibrator
04/22
9021 TIME-ELECTRONICS-9021 Datasheet
2Mb / 2P
2003S-2003N Precision Voltage Calibrator and Potentiometer
logo
List of Unclassifed Man...
9021-0034 ETC1-9021-0034 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
More results

Similar Description - 9021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
LCD Module Calibrator
July 9, 2008
logo
Extech Instruments Corp...
433201 EXTECH-433201 Datasheet
155Kb / 1P
Microprocessor Calibrator Thermometer
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
LCD Module Calibrator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com