Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C105 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # C105
Description  1021 Milliamp Source with Null Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C105 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  C105 Datasheet HTML 1Page - Time Electronics Ltd. C105 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
1021 Milliamp Source with Null Indicator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
07/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Output.......................................................... 0 to 99.99 mA in 3 ranges.
...................................................................... 0 to 99.99 mA in 10 μA steps.
...................................................................... 0 to 9.999 mA in 1 μA steps.
...................................................................... 0 to 999.9 μA in 0.1 μA steps.
Accuracy ..................................................... ± (0.02 % of setting + 0.02 % of range + 0.2 μA).
Voltage capacity ......................................... Adjustable between 14 and 40 V. Maximum output power 2.4 W.
Voltage limit indicator ................................ Provides indication of insufficient drive voltage.
Output polarity............................................ Positive or negative switch selected.
...................................................................... A centre ‘off’ position provides an open circuit on the output terminals.
Output stability ........................................... Better than 60 ppm per °C (–10 °C to + 50 °C). Better than 25 ppm/hr (at constant temperature).
Output noise ............................................... Less than 15 ppm of full scale.
Load regulation........................................... Better than 20 ppm per volt change in output.
Null sensitivity............................................. Adjustable from ± 20 mA to ± 20 μA FSD via front panel control. Maximum resolution is 1 μA.
Power supply .............................................. NiMH rechargeable batteries with external mains recharger.
General Specifications
Dimensions ................................................. 200 x 75 x 110 mm (215 x 100 x 120 mm including protective cover).
Weight.......................................................... 1 kg (1.4 kg including protective cover).
Optional extras ........................................... Carry case.
...................................................................... Calibration certificates - traceable (factory) or accredited (ISO 17025).
Country of origin......................................... UK.
Ordering Information
1021........................................................... DC Current Source with Null Meter
................................................................... (mains charger and protective cover included)
9027.............................................................. Carry Case
C153............................................................. Traceable calibration certificate (Factory)
C105............................................................. Accredited calibration certificate (ISO 17025)
Applications
Resistance and Temperature Measurement
Low ohm and contact resistance of relays, switches, connectors, etc
can be easily measured using the 1021 as the current source in a
4-terminal kelvin system where lead and probe resistance do not affect
the accuracy of the reading. This method can also be used in
thermometry for calibration and measurement of platinum-resistance
thermometers and thermistors.
Transducers
The ability to source and measure current makes the 1021 ideal for
testing and calibration of many types of current transducer and their
associated measuring equipment.
Semiconductor Parameters
The 1021 covers many applications in a wide variety of semiconductor
measurements including; forward voltage drops, zener diode
characteristics and temperature coefficients, transistor gains (hfe) and
saturation voltages. Characteristic curves of devices can be easily
plotted by selecting suitable output currents on the 1021. It can also be
used to drive Hall effect devices.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com