Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1041 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 1041
Description  1041 Resistance Decade Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

1041 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  1041 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
1041 Resistance Decade Box
Description
A precision low ohm resistance box designed for general laboratory work
including platinum resistance thermometry. The 1041 is compact and durable,
housed in a robust metal case with removable protective rubber cover, making it
ideal for use in either the laboratory or field. Excellent accuracy is achieved by
using high stability metal film resistors. The 5-digit thumbwheel switch enables
simple and precise setting with a clear indication of the resistance value.
Switch Contacts: Special attention has been given to the reliability of operation.
A special multiple gold contact arrangement ensures low contact resistance and
continued operation even if a contact fails.
Clear Visual Indication: To make selecting and reading the setting easy the 1041
incorporates colour coded digits: ohms - white, milliohms - yellow.
Safety Terminals: Compatible with 4 mm shrouded plugs, as well as standard
plugs, bare wires, and spade terminals.
Added Protection: The 1041 comes fitted with an ergonomic rubber cover
providing increased protection and durability. It has a textured grip for comfortable
handling and side openings to place labels. It is easy to remove if the user prefers
a stand-alone unit or to house the 1041 in the optional 9026 carry case.
Specifications
Range / Resolution.................................................................... 0 to 1 kΩ / 0.01 Ω steps.
Decade
0.01 Ω
0.1 Ω
1 Ω
10 Ω
100 Ω
Accuracy
± 10 %
± 5 %
± 1 %
± 0.5 %
± 0.1 %
Max current
1 A
1 A
1 A
0.3 A
0.1 A
Residual resistance.............................................................................. Less than 60 mΩ.
Power rating......................................................................................... 1 watt per resistor.
Voltage rating.........................................................Maximum 90 V DC, 63.64 V AC RMS.
Temperature coefficient ................................................................................. 50 ppm/°C.
Dimensions / Weight ..................................................W 215 x H 100 x D 120 mm / 1 kg.
Features
• 0.01 Ω to 1 kΩ
• High accuracy
• Clear visual indication
• High stability
• Low temperature coefficient
• Safety terminals
• Removable protective cover
• Suitable for PRT/RTD
Common Applications
• Calibration of resistance in measuring devices
• Pt100 simulation for checking RTD transmitters
• Select-on-test resistance substitution in circuit design
• Educational understanding of Ohm’s Law
Ordering Information
1041................................................Resistance Decade Box
9026..........................................................................Carry case
C161..........................Traceable calibration certificate (Factory)
C114....................Accredited calibration certificate (ISO 17025)
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2a
11/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.


Similar Part No. - 1041

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1041 JMK-1041 Datasheet
72Kb / 1P
Operating Voltage = 250/480 Vac Operating Current Max= 80 & 100 amps
logo
Schurter Inc.
1041 SCHURTER-1041 Datasheet
171Kb / 2P
Vandal-proof protection of switching element by mechanical end stop of metal actuator
1041.3000 SCHURTER-1041.3000 Datasheet
171Kb / 2P
Vandal-proof protection of switching element by mechanical end stop of metal actuator
1041.3100 SCHURTER-1041.3100 Datasheet
171Kb / 2P
Vandal-proof protection of switching element by mechanical end stop of metal actuator
1041.3500 SCHURTER-1041.3500 Datasheet
171Kb / 2P
Vandal-proof protection of switching element by mechanical end stop of metal actuator
More results

Similar Description - 1041

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com