Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1045 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 1045
Description  1045 Combined Voltage & Current Calpot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

1045 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  1045 Datasheet HTML 1Page - Time Electronics Ltd. 1045 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1045 Technical Specifications
VOLTAGE OUTPUT
Output:
0 – 1000mV in 3 ranges
0 – 999.9mV in 0.1mV steps
0 – 99.99mV in 10µV steps
0 – 9.999mV in 1µV steps
Accuracy:
± 0.02% of setting +
± 0.02% of range + ± 1uV
Output Resistance:
<0.1 Ohm on 1V & 100mV
ranges. 1 Ohm on 10mV
range.
Output Current:
Up to 20mA on 1V & 100mV
ranges 10mV range up to
short circuit. Loads in
excess of 1kOhm will give
greater than 0.1% error.
Output Stability:
< 60ppm/°C. < 100ppm/3
months Non cumulative.
Output Noise:
<30ppm of full scale.
CURRENT OUTPUT
Output:
0 – 100mA in 3 ranges
0 – 99.99mA in 10µA steps
0 – 9.999mA in 1µA steps
0 – 999.9µA in 0.1µA steps
Accuracy:
± 0.02% of setting
± 0.02% of range
± 0.02uA
Voltage Capability:
Adjustable between 14V
and 40V.
Voltage Limit:
A front panel LED warns of
insufficient drive voltage.
Output Stability:
<60ppm/°C (-10°C to +50°C)
<25ppm/hr (at constant temp.)
Output Noise:
<15ppm of Full Scale
Load Regulation:
<20ppm/volt change in output.
Reference Source:
Precision zener diode selected for stability and low T/C.
Output Polarity:
Positive or Negative switch selected. Centre position is off.
Power Supply:
6 – AA NiCad Cells. Standard 220V – 240V A.C. charger supplied, 110V-120V
A.C. version should be specified on ordering.
Operation Temp:
-10°C to +60°C
General Specification
Dimensions:
200 x 107 x 160mm
Weight:
2.5 kg
Optional Extras:
Calibration Certificates – traceable to N.P.L. and UKAS
Ordering Information
Code
Description
1045
Calpot (Combined Voltage & Current Calibrator – Potentiometer)
9157
N.P.L. Traceable Calibration Certificate
9111
UKAS Calibration Certificate
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.co.uk
V1a 01/01/07
V1a 01/01/07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com