Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9114 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9114
Description  Precision Low Ohm Resistance Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9114 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9114 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1042
Precision Low Ohm Resistance Box
• 0.01Ω to 1kΩ
• 10mΩ resolution
• Colour coded digits
• High stability and low
temperature coefficient
• Ideal for Platinum
Resistance Thermometer
simulation
Introduction
The 1042 is a compact, robust and precision
decade resistance box and will find many
applications in both industry and education. The
1042 is particularly suitable for simulation of
platinum resistance thermometers.
Special attention has been given to the problem
of reliability of operation. A special multiple gold
contact arrangement ensures low contact resis-
tance and continued operation even if a contact
should fail.
To prevent misreading, the 1042 incorporates a
unique colour coding system to divide the setting
into 2 units, MilliOhms and Ohms.
Specification
Resistance Range: 0.01
Ω to 1kΩ in 0.01 ohm steps
Zero Residual Resistance:
50m
Ω maximum
Residual Resistance Stability: less than 3m
Ω
Power Rating:
0.3 watt per resistor
Maximum Working Voltage:
100 volts D.C.
70 volts A.C. (RMS)
Maximum Current:
1 amp D.C.
0.7 amp A.C. (RMS)
Connection:
4 mm terminals. A third terminal is
provided to earth the case or to be
connected to either terminal.
Temperature Coefficient:
1R, 10R, 100R Decades –10ppm per °C
0.01R, 0.1R Decades – 65ppm per °C
Dimensions:
110 x 75 x 200 mm Weight: 0.6 kg
Optional Extras:
Carry Case for field or industrial
applications.
ACCURACY
0.01
Ω
0.1
Ω
1
Ω
10
Ω
100
Ω
±10%
±5%
±0.1%
±0.05%
±0.01%
Ordering Information
Description
Order Code
Precision Low Value Decade Resistance Box
1042
Carry Case
9026
N.P.L. Traceable Calibration Certificate
9161
UKAS Calibration Certificate
9114
Time Electronics Limited, Botany Industrial Estate, Tonbridge, Kent TN9 1RH UK
Telephone: 01732 355993
Fax: 01732 770312
E-mail: mail@TimeElectronics.co.uk
Web Site: www.TimeElectronics.co.uk
V3 05/09/03


Similar Part No. - 9114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9114 ETC1-9114 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9114 ETC2-9114 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Heyco.
9114 HEYCO-9114 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Time Electronics Ltd.
9114 TIME-ELECTRONICS-9114 Datasheet
49Kb / 1P
1040 Decade Resistance Box
V1c 04/05/09
9114 TIME-ELECTRONICS-9114 Datasheet
217Kb / 1P
Decade Resistance Box
V4 05/09/03
More results

Similar Description - 9114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
Low Resistance Precision Chip Resistors
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
logo
Analog Devices
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
Low on-resistance (0.35 ohm TYP)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
logo
RHOPOINT COMPONENTS
CD2015FC RHOPOINT-CD2015FC Datasheet
564Kb / 2P
CD Low Resistance Precision Chip Resistors
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
SOURCE IET-SOURCE Datasheet
227Kb / 1P
Electronically Controlled Resistance Box
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com