Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9157 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9157
Description  1045 Combined Voltage & Current Calpot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9157 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9157 Datasheet HTML 1Page - Time Electronics Ltd. 9157 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1045
Combined Voltage & Current Calpot
Time Electronics
Calibration, Test & Measurement
• 0 – 1V in 3 ranges
• 0 – 100mA in 3 ranges
• 0.02% Accuracy
• Portable
• Battery operation
The 1045 meets a requirement for a combined voltage and current DC Calibrator with the
additional facility for null balance measurement.
Comprising a combination of the well proven Time Electronics 1007 millivolt pot-source and
1021 current source with null. The voltage and current sections are operated independently.
The 1045 is powered from rechargeable batteries which give several months typical use
without recharging, the battery condition is monitored by indicators on the end of the unit.
High reliability and good long term stability is assured by using bandgap zener reference
diodes and the use of precision, low temperature coefficient components. The outputs are
short circuit proof and protected against overload.
The sensitive electronic null balance meters enable the unit to be used for potentiometric
voltage and current measurement in addition to its function as a calibrator. Null zero and
sensitivity are adjustable via front panel controls. Maximum sensitivity is 3µV for voltage
measurement and 1µA for current measurement.
Null Balance Display
A front panel meter is used for null balance measurements with zero and sensitivity controls
provided. Ranges -
Voltage
Maximum sensitivity: ± 20µV f.s.d. (2µV/div)
Minimum sensitivity: 200mV f.s.d.
LED scale: 7-0-7 (15 points)
Input resistance : greater than 1 Mohm at balance.
Current
Maximum sensitivity: ± 20µA f.s.d.
Minimum sensitivity: ± 20mA f.s.d.
Maximum Resolution: 1µA.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.co.uk
V1a 01/01/07


Similar Part No. - 9157

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9157 FESTO-9157 Datasheet
91Kb / 1P
Stem actuated valve
4/8/22
logo
Belden Inc.
9157 BELDEN-9157 Datasheet
162Kb / 2P
Electronic, 4 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
Heyco.
9157 HEYCO-9157 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Belden Inc.
9157.060100 BELDEN-9157.060100 Datasheet
162Kb / 2P
Electronic, 4 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9157.0601000 BELDEN-9157.0601000 Datasheet
162Kb / 2P
Electronic, 4 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 9157

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4351 PMC-PM4351 Datasheet
3Mb / 2P
COMBINED E1/T1 TRANSCEIVER
logo
Leshan Radio Company
HVM5 LRC-HVM5_11 Datasheet
284Kb / 8P
Controlled avalanche characteristic combined Low forward voltage drop
HVP5 LRC-HVP5_11 Datasheet
201Kb / 4P
Controlled avalanche characteristic combined Low forward voltage drop
logo
Murata Manufacturing Co...
NFA31GD1006R84D MURATA-NFA31GD1006R84D Datasheet
95Kb / 2P
EMIFIL (RC Combined) Array
logo
Vishay Siliconix
8EWF..S VISHAY-8EWF..S Datasheet
172Kb / 9P
optimized or combined short reverse rocovery time, low forward voltage drop and low leakage current
logo
Grayhill, Inc
62C2211-02-040C GRAYHILL-62C2211-02-040C Datasheet
430Kb / 2P
Economical Size Combined Functionality
logo
Abracon Corporation
APAMSJ-147 ABRACON-APAMSJ-147 Datasheet
7Mb / 6P
Combined Antenna Module
11.13.15
logo
List of Unclassifed Man...
TANGO-16 ETC2-TANGO-16 Datasheet
702Kb / 4P
GPS antenna combined
logo
Shanghai Leiditech Elec...
HVM5 LEIDITECH-HVM5 Datasheet
506Kb / 8P
Controlled avalanche characteristic combined
logo
TAI-SAW TECHNOLOGY CO.,...
TA2661A TAI-SAW-TA2661A Datasheet
348Kb / 7P
SAW Filter 1045 MHz SMD 3.0X3.0 mm(BW=10MHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com