Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9114 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9114
Description  Decade Resistance Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9114 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9114 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1043
Decade Resistance Box
• 0.1 – 10 M
• High accuracy and
precision
• Clear visual indication
• High stability and low
temperature coefficient
• Compact and robust.
Introduction
Specification
The 1043 is a compact, robust and accurate decade re-
sistance box designed to meet the needs of both industry
and education. Housed in a robust metal case, the com-
pact construction makes it easily portable. When in use
in the laboratory, it takes up a minimum of bench space.
The high accuracy of the 1043 is achieved by means of
high stability metal film resistors. Accuracy at low settings
is determined by the switch contact resistance which has
been kept to a minimum. Mid-scale accuracy is 0.1% or
better. The thumbwheel switch selection of output re-
sistance enables precise setting with a clear unambigu-
ous indication.
Metal film resistors are used to obtain the high stability
and low temperature coefficient. The temperature coeffi-
cient is typically better than 50 ppm per ºC. Each resistor
has a power rating of 1 watt.
It is imperative that the switch setting should be unambig-
uous in order to avoid misreading the set value. The pos-
sibility of misreading increases considerably as the num-
ber of digits is increased. To prevent misreading, the
1043 incorporates a unique colour coding system to di-
vide the setting into 3 groups corresponding to
ohms,kilohms and megohms. This feature makes the
1043 ideal for educational applications.
Special attention has been given to the problem of relia-
bility of operation. A special multiple gold contact switch
arrangement ensures that a back-up contact is always
available to take over should a failure occur.
Resistance Range: 0.1
 To 10 M in 0.1 steps
Zero Residual Resistance : less than 250 milliohms
Power Rating :
1 watt per resistor: Metal film
resistors are employed
throughout
Temperature Coefficient: 50 ppm per ºC
Connections:
4 mm terminals. A third terminal
enables the case to be earthed
or connected to either output.
Construction.
The case is of robust metal
construction finished in two-tone
blue and black.
Dimensions:
110 x 75 x 200 mm
Weight:
0.6kg
Optional Estras:
Carrying Case for field and
industrial applications.
Ordering Information
ACCURACY
0.1
1
10
100
 1 K
10 K
100K
 1 M
5%
± 1%
±0.5% ±0.1% ±0.1% ±0.1%
±0.1%
±0.1%
Description
Order Code
Decade Resistance Box
1043
Carrying Case
9026
N.P.L. Traceable Calibration Certificate
9172
UKAS Calibration Certificate
9114
Time Electronics Limited, Botany Industrial Estate, Tonbridge, Kent. TN9 1RH
Telephone: 01732 355993
Fax: 01732 770312
E-Mail: mail@TimeElectronics.co.uk
Web Site: www.TimeElectronics.co.uk
V4 05/09/03


Similar Part No. - 9114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9114 ETC1-9114 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9114 ETC2-9114 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Heyco.
9114 HEYCO-9114 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Time Electronics Ltd.
9114 TIME-ELECTRONICS-9114 Datasheet
49Kb / 1P
1040 Decade Resistance Box
V1c 04/05/09
9114 TIME-ELECTRONICS-9114 Datasheet
105Kb / 1P
Precision Low Ohm Resistance Box
V3 05/09/03
More results

Similar Description - 9114

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com