Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C114 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C114
Description  1061 Resistance Decade Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C114 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C114 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
1061 Resistance Decade Box
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2c
10/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Description
A cost effective resistance decade box designed to meet the standard required in
both educational and industrial applications. Metal film resistors with a 0.75 watt
power rating are used throughout, providing the advantages of stability and low
temperature coefficient.
Simple Operation
The 1061 features six large rotary switches, each with a clear numerical readout that
makes resistance setting easy and fast. The robust design provides a durable
solution for long term usage, making it ideal for use in education.
The slimline form factor means it takes up minimum bench space, while the 1 %
accuracy and wide range makes it suitable for production or select-on-test usage.
The case provides complete electrostatic screening.
Safety Terminals
The front panel safety terminals are compatible with 4 mm shrouded plugs, as
well as standard plugs, bare wires, and spade terminals.
Specifications
Range / Resolution.....................................................................0 to 1.2 MΩ / 1 Ω steps.
Number of decades........................................................................................................6.
Accuracy .................................................................................................................± 1 %.
Residual resistance............................................................................ Less than 150 mΩ.
Power rating.................................................................................... 0.75 watt per resistor.
Voltage rating...............................................................Maximum 150 V DC / 100 V RMS.
Case isolation ................................................................................Maximum 500 V peak.
Temperature coefficient ............................................................................... 100 ppm/°C.
Dimensions ...............................................................................W 355 x H 63 x D 82 mm.
Weight....................................................................................................................0.75 kg.
Ordering Information
1061.................................................Resistance Decade Box
C161........................... Traceable calibration certificate (Factory)
C114......................Accredited calibration certificate (ISO 17025)
Features
• 1 Ω to 1.2 MΩ
• 1 % accuracy
• In-line readout
• Low temperature coefficient
• Mechanically and electrically robust
• Safety terminals
• Fully screened
• Ideal for educational applications


Similar Part No. - C114

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114 KEMET-C114 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
C114 KEMET-C114 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Time Electronics Ltd.
C114 TIME-ELECTRONICS-C114 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C114 TIME-ELECTRONICS-C114 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C114 TIME-ELECTRONICS-C114 Datasheet
545Kb / 1P
1051 Resistance Decade Box
11/22
More results

Similar Description - C114

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com