Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9159 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9159
Description  Thermocouple Simulator/Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9159 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9159 Datasheet HTML 1Page - Time Electronics Ltd. 9159 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
ACCURACY MEASURE
ACCURACY SOURCE
THERMOCOUPLE
TYPE
TEMPERATURE
RANGE ºC
ACCURACY
ºC
J
-200 to 590
± 0.4
K
-270 to –150
-150 to 780
± 2.5
± 0.5
T
-200 to 400
± 0.4
R
-50 to 400
400 to 1750
± 1.5
± 1.0
S
-50 to 100
100 to 1750
± 2.0
± 1.0
B
50 to 1000
1000 to 1800
± 2.5
± 1.0
E
-100 to 400
± 0.3
THERMOCOUPLE
TYPE
TEMPERATURE
RANGE ºC
ACCURACY
ºC
J
-210 to 200
200 to 1200
± 0.1
± 0.4
K
-270 to –200
-200 to 600
600 to 1250
± 1.0
± 0.25
± 0.5
T
-200 to 400
± 0.3
R
-50 to –20
-20 to 800
800 to 1750
± 1.5
± 0.5
± 1.5
S
-50 to –20
-20 to 500
500 to 1750
± 1.5
± 0.5
± 1.5
B
0 to 1300
1300 to 1800
± 0.5
± 1.3
E
-100 to 1000
± 0.3
MILLIVOLT MEASURE:
0 to ± 32 mV:
Resolution:
8 µV
Accuracy:
± 0.05% ± 8µV
Input Impedance
1M
Ω
MILLIVOLT OUTPUT:
0 to ±8.192 mV:
Resolution:
2µV
Accuracy of Setting:
± 0.05%
Accuracy of Range:
± 0.02%
8.192 mV to 81.92 mV:
Resolution:
20µV
Accuracy of Setting:
± 0.05%
Accuracy of Range:
± 0.02%
All accuracies ± 1 µV
Output Impedance:
10
Ω
General Information
Cold Junction Compensation:
Accuracy : ± 0.02ºC/ºC + 0.1ºC
Operating Temperature:
0 to 40 ºC
Connections:
4 x 4mm terminals
Power Requirements:
6 x AA size rechargeable cells giving approximately 12 hours continuous
operation. The mains recharger supplied gives full recharge in 12 hours, or
alternatively, the unit may be recharged from a 12 volt car cigar lighter.
Dimensions:
235 x 150 x 75 mm
Weight
1.3 kg
Optional Extras
Calibration Certificate
Ordering Information
Description
Order Code
Thermocouple Simulator/Calibrator (c/w batteries, charger & carrying case)
1088
N.P.L. Traceable Calibration Certificate
9159
UKAS Calibration Certificate
9112
V2 4/01/02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com