Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C114 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C114
Description  1071 Capacitance Decade Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C114 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C114 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
1071 Capacitance Decade Box
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
10/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Description
High accuracy and wide range makes the 1071 capacitance decade box suitable
for applications in industry and education. It is both compact and robust, housed in
a metal case that provides complete screening, with a protective rubber cover to
guard the unit against everyday wear and tear. The 7-digit thumbwheel switch
enables simple and precise setting of the capacitance value.
Clear Visual Indication: To make selecting and reading the setting easy the 1071
incorporates colour coded digits: μF - red, nF - white, pF - yellow.
Safety Terminals: Compatible with 4 mm shrouded plugs, as well as standard
plugs, bare wires, and spade terminals.
Added Protection: The 1071 comes fitted with an ergonomic rubber cover
providing increased protection and durability. It has a textured grip for comfortable
handling and side openings to place labels. It is easy to remove if the user prefers
a stand-alone unit or to house the 1071 in the optional 9026 carry case.
Specifications
Range / Resolution................................0 to 100 μF / 10 pF steps (9 steps per decade).
Decade
10 pF
100 pF
1 nF
10 nF
100 nF
1 μF
10 μF
Accuracy @ 1 kHz
1 % ± 5 pF
1 % ± 5 pF
1 % ± 5 pF
1 %
1 %
1 %
5 %
Capacitor type
Silver mica
Silver mica
Silver mica
Silver mica
Polycarbonate
Polycarbonate
Polyester
Max voltage
300 V DC
200 V AC
300 V DC
200 V AC
300 V DC
200 V AC
100 V DC
72 V AC
100 V DC
72 V AC
100 V DC
115 V AC
63 V DC
50 V AC
Max temp coefficient
200 ppm/°C
200 ppm/°C
50 ppm/°C
50 ppm/°C
75 ppm/°C
75 ppm/°C
300 ppm/°C
Power factor @ 1 kHz
< 0.0025
< 0.0015
< 0.002
< 0.01
< 0.01
< 0.01
< 0.01
Insulation resistance
> 50 GΩ
> 50 GΩ
50 GΩ
> 30 GΩ
> 30 GΩ
> 30 GΩ
> 30 GΩ
Residual capacitance............................Approximately 55 pF.
Dimensions / Weight .............................W 215 x H 100 x D 120 mm / 1 kg.
Features
• 10 pF to 100 μF
• 1 % accuracy
• Clear visual indication
• Bi-polar working
• 50 pF residual capacitance
• Safety terminals
• Removable protective cover
• Suitable for industry or education
Ordering Information
1071...................................................... Capacitance Decade Box
9026......................................................... Carry case
C161..........................................Traceable calibration certificate (Factory)
C114..........................................Accredited calibration certificate (ISO 17025)


Similar Part No. - C114

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114 KEMET-C114 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
C114 KEMET-C114 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Time Electronics Ltd.
C114 TIME-ELECTRONICS-C114 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C114 TIME-ELECTRONICS-C114 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C114 TIME-ELECTRONICS-C114 Datasheet
545Kb / 1P
1051 Resistance Decade Box
11/22
More results

Similar Description - C114

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
logo
Extech Instruments Corp...
380400 EXTECH-380400_15 Datasheet
252Kb / 1P
Resistance, Capacitance & Inductance Decade Boxes
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
Decade Counter
August, 2014 ??Rev. 9
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com