Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C108 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C108
Description  1077 Milliamp Transducer Simulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C108 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C108 Datasheet HTML 1Page - Time Electronics Ltd. C108 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
1077 Milliamp Transducer Simulator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A multi-purpose handheld test instrument that can be used as an
adjustable current load, adjustable power supply, or precision current
source. The 1077 is commonly used for the testing and simulation of
milliamp transducer systems. Compact and rugged design make the 1077
ideal for use in both the lab and field.
With a protective rubber cover to increase durability, the instrument can
withstand arduous use and is well suited to process control applications.
Operating Modes:
As an adjustable current load (simulating the transducer) on the line,
the 1077 will draw up to 100 mA. The required current is set by the front
panel controls.
As an adjustable power supply (14 V to 40 V) with accurate measurement
and display of the current drawn from the circuit.
As a precision current source with 14 V to 40 V maximum (adjustable)
drive capacity. The 1077 will source the set current up to 100 mA
to the loop.
Safety terminals: Fitted as standard and fully compatible with 4 mm
shrouded plugs, as well as standard plugs, bare wires, and spade terminals.
Portable operation: Rechargeable batteries and mains charger are
supplied with the unit as standard. Complete recharge time is 10 to 12
hours although sufficient charge for a few hours operation can be obtained
with only 30 minutes charge. Full charge allows 10 hours typical use. The
battery level is monitored by an LED indicator on the top of the unit.
Added protection: The 1077 comes fitted with an ergonomic rubber
cover providing increased protection and durability. It has a textured grip
for comfortable handling and openings at the top and bottom to allow
access to the battery meter and a position to place labels. It is easy to
remove if the user prefers a stand-alone unit or to house the 1077 in the
optional 9027 carry case.
Features
• 3 operating modes
• Accuracy 0.02 %
• 100 mA source and load
• 24 V line mode
• Variable drive source 14 to 40 V
• Safety terminals
• Removable protective cover
• Supplied with rechargeable batteries
• 10 hours typical use between charges
• Optional carry case


Similar Part No. - C108

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C108 VECTRON-C108 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
List of Unclassifed Man...
C108024006 ETC2-C108024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C108024060 ETC2-C108024060 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C108024600 ETC2-C108024600 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
logo
Hamamatsu Corporation
C10808 HAMAMATSU-C10808_15 Datasheet
154Kb / 7P
High-precision driver circuit with variable integration time function
More results

Similar Description - C108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLS8100 ETC-DLS8100 Datasheet
146Kb / 4P
VDSL Wireline Simulator
logo
Motorola, Inc
M68ICS08MR MOTOROLA-M68ICS08MR Datasheet
1,003Kb / 100P
In-Circuit Simulator
logo
Renesas Technology Corp
R20UT2914EJ0100 RENESAS-R20UT2914EJ0100 Datasheet
102Kb / 11P
CubeSuite Simulator
logo
Keysight Technologies
W2309EP KEYSIGHT-W2309EP Datasheet
167Kb / 4P
Bus Simulator
W2317EP KEYSIGHT-W2317EP Datasheet
167Kb / 4P
Bus Simulator
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
Simulator
8029524 FESTO-8029524 Datasheet
78Kb / 1P
Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
Simulator
logo
Pepperl+Fuchs Inc.
IS01 PF-IS01 Datasheet
695Kb / 3P
Simulator
VAZ-PB-SIM PF-VAZ-PB-SIM Datasheet
169Kb / 2P
PROFIBUS master simulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com