Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9747 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9747
Description  Programmable Multi-Function Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9747 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9747 Datasheet HTML 1Page - Time Electronics Ltd. 9747 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RANGE
FREQUENCY
24 HOUR
STABILITY %
ACCURACY %
90DAY
180DAY
1 YEAR
T.C
ppm/°C
OUTPUT
RES.
DRIVE
CURRENT
RESOLUTION
40Hz – 1kHz
1-2kHz
2-20kHz
0.01+0.005
0.03+0.02
0.05+0.03
0.03+0.008
0.07+0.05
0.35+0.1
0.04+0.008
0.08+0.05
0.4+0.1
0.05+0.008
0.1+0.05
0.5+0.1
15
10Ω
S/C
20mV
200mV
2V
20V
20nV
10Ω
S/C
200nV
0.1Ω
100mA
2uV
0.1Ω
100mA
20uV
200V
40Hz – 450Hz
0.02+0.005
0.045+0.01
0.05+0.01
0.06+0.01
15
10Ω
10mA
200uv/2mV
1kV
RANGE
24 HOUR
STABILITY %
T.C
ppm/°C
OUTPUT
RESISTANCE
DRIVE
VOLTAGE
RESOLUTION
ACCURACY %
90DAY
180DAY
1YEAR
200uA
0.01+0.008
0.01+0.008
0.01+0.008
0.01+0.008
0.02+0.008
0.04%+0.02%
0.04+0.01
0.04+0.01
0.04+0.01
0.04+0.01
0.05+0.01
0.07+0.03
0.045+0.01
0.045+0.01
0.045+0.01
0.045+0.01
0.06+0.01
0.08+0.03
0.05+0.01
0.05+0.01
0.05+0.01
0.05+0.01
0.07+0.01
0.10+0.03
20
10GΩ
15V
200pA
2mA
20
1GΩ
15V
2nA
20mA
20
100MΩ
15V
20nA
200mA
20
10MΩ
15V
200nA
2A
30
1MΩ
5V
2uA
10A
50
100kΩ
1.2V
20uA
VALUE
24 HOUR
STAB.
PPM
T.C
ppm/°C
ACCURACY PPM
90DAY
180DAY
1YEAR
10Ω
200
25
10
6
6
15
60
700
50
25
25
25
60
200
750
60
40
40
40
70
250
800
70
50
50
50
80
300
10
100Ω
5
1kΩ
5
10kΩ
5
100kΩ
5
1MΩ
5
10MΩ
10
SPECIFICATIONS
Stability and Accuracy specifications are show as (ppm of setting + ppm of range) and apply for
settings between 10% - 100% of range. Specifications given below apply at ambient temp of 20 °C +/- 2°C
and after the calibrator has warmed up for at least 1 hour. All values are relative to calibration standards.
D.C. VOLTAGE
A.C. VOLTAGE (Sine Wave)
D.C. CURRENT
Note: All specs +/- 4 uV - thermal emf effects. Noise: 20mV to 20V ranges = 20ppm of range, 200V to 1kV ranges = 40ppm of range (0.1Hz to 1Hz RMS)
Note: Frequency Accuracy +/- 0.01%, T/C 20 ppm/°C, Resolution 5Hz, range 15Hz to 20kHz. Drive current shown as peak values. All A.C specifications +/- 30uV
Note: All specifications +/- 30 nA
A.C. CURRENT (20Hz to 1kHz Sine Wave)
RESISTANCE
Note: All specifications +/- 50 nA. 2 & 10 Amp specifications apply up to 500 Hz only.
Notes:
A.C Specifications include the effects of noise and distortion in the 10Hz to 20KHz range. 4% over-range available on all ranges. Voltage and current limits
are stated as Peak Values.
GENERAL INFORMATION
Power: 110V/120V/220V/240V A.C (+/-5%) 50/60Hz
Dimensions: 440 x 150 x 415 mm (17x6x16 ins)
Weight: 15Kg (34 lbs)
ORDERING INFORMATION
Description
Order Code
30ppm Programmable Multi-function Calibrator
5022
UKAS Calibration Certificate
9126
NPL Traceable Calibration Certificate
9167
EasyCal Software
9747
GPIB Interface Card
9343
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
RANGE
24 HOUR
STABILITY PPM
ACCURACY PPM
90DAY
180DAY
1YEAR
T.C
ppm/°C
OUTPUT
RESISTANCE
DRIVE
CURRENT
RESOLUTION
10+5
7+5
3+2
3+2
15+10
15+10
20+5
20+5
20+5
20+5
35+10
35+20
25+5
25+5
25+5
25+5
40+10
40+20
30+5
30+5
30+5
30+5
50+10
50+20
5
4
3
3
5
5
10Ω
10Ω
0.1Ω
0.1Ω
10Ω
10Ω
S/C
S/C
100mA
100mA
10mA
10mA
20nV
200nV
2uV
20uV
200uV
2mV
20mV
200mV
2V
20V
200V
1kV
RANGE
24 HOUR
STABILITY PPM
T.C
ppm/°C
OUTPUT
RESISTANCE
DRIVE
VOLTAGE
RESOLUTION
ACCURACY PPM
90DAY
180DAY
1 YEAR
200uA
30+10
25+10
20+10
20+10
50+20
0.03%+0.02%
50+30
50+30
50+30
50+30
100+60
0.07%+0.03%
70+30
70+30
70+30
70+30
140+60
0.08%+0.03%
100+30
100+30
100+30
100+30
200+60
0.1%+0.03%
10
10GΩ
15V
200pA
2mA
10
1GΩ
15V
2nA
20mA
10
100MΩ
15V
20nA
200mA
10
10MΩ
15V
200nA
2A
15
1MΩ
5V
2uA
10A
30
100kΩ
1.2V
20uA
V3 05/09/03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com