Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9770 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9770
Description  5025 Multifunction Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9770 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9770 Datasheet HTML 1Page - Time Electronics Ltd. 9770 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.timeelectronics.com
5025 Specifications
TECHNICAL SPECIFICATIONS
STANDARD FEATURES
Function
Range
Best 1 year Specification
Voltage DC
0 to ± 1050V
± 15ppm of setting
Current DC
0 to ± 22A
± 80ppm of setting
Voltage AC
1mV to 1050V (10Hz to 20kHz, sine-wave)
± 300ppm of setting
Current AC
10µA to 22A (20Hz to 1kHz, sine-wave)
± 0.05% of setting
Resistance
1Ω to 1GΩ (Fixed values, decade steps)
± 20ppm of setting
Conductance
1s to 1ns (Fixed values, decade steps)
± 20ppm of setting
Thermocouple Simulation
-270 to 1800°C (Type J, K, R, T, S, B, E, N)
± 0.15°C
10MHz Digital Frequency/Period
0.1Hz to 10MHz / 100ns to 10s
± 20ppm of setting
OPTIONS (option code in brackets)
Option
Range / Values
Best 1 year Specification
Wideband AC Voltage (9771)
20 to 200mV/300kHz. 0.2 to 2V/1MHz. 2 to 20V/100kHz
± 0.05% of setting
Capacitance (9798)
1nF, 10nF, 100nF, 1µF, 10µF, 100µF
± 0.25% of setting
Inductance (9798)
1mH, 1.9mH, 5mH, 10mH, 19mH, 50mH, 100mH, 190mH,
500mH, 1H, 10H
± 0.1% of setting
Full Range Resistance (9787)
1Ω to 120MΩ (Variable)
± 100ppm of setting
PT100
-200 to 850°C
± 0.2°C
Power Calibration (9797)
22A, 1050V, 23kW, 45 to 400Hz
ACV: 0.03%, DCV: 0.01% ACI: 0.1%, DCI: 0.03%
Phase/Power Factor
± 90°/ 0.00 to 1.00PF
± 0.3°
External Options
AC Current Transformer (9790): 100A / 100kW. Clamp Meter Adaptor x50 turn (9780): 1100A / 1.1MW
Oscilloscope Calibration (9770)
Amplitude
0mV to 200V and 0mV to 2V 50Ω (square-wave or DC)
± 0.05%
Frequency/Period
0.1Hz to 100MHz / 100ns to 10s
± 20ppm (± 0.1ppm optional)
Duty Cycle
3 frequencies: 100Hz, 1kHz, 10kHz, settable from 0 to 100%
Fast-Rise
<850ps. Bandwidth checking up to 400MHz
2.2GHz Sweep (9769)
100MHz to 2.2GHz levelled sine-wave (0.5, 1, 1.5V pk-pk)
Amplitude ± 1%, Frequency ± 20ppm
GENERAL SPECIFICATIONS
Warm up......................................................30 minutes to full accuracy
Settling Time ...............................................Less than 5 seconds
Standard Interfaces.....................................GPIB (IEEE-488), RS-232, USB
Temperature Performance ..........................Operating: 5 to 40°C, Full Spec: 22°C +/- 3°C, Storage: -10°C to 50°C
Operating Humidity/Altitude ....................... < 80% non condensing / Altitude: 0 to 3km. Non operating: 3km to 12km
Line Power...................................................100 to 230V AC 50/60 Hz. 200W maximum
Dimensions / Weight...................................W455mm, H155mm, D480mm. Weight: 16.5kg
ORDERING INFORMATION
Time Electronics Ltd, Unit 11 Sovereign Way, Botany Industrial Estate, Tonbridge, Kent, TN9 1RH. United Kingdom.
T: +44 (0)1732 355993
F: +44 (0)1732 770312
E: mail@timeelectronics.co.uk
5025 ................................................................... Multifunction Calibrator
9798 ................Capacitance (1000pF - 100µF) / Inductance (1mH - 10H)
9774 ................................................. Simulated Resistance (10Ω - 40MΩ)
9787 ................................................ Full Range Resistance (1Ω - 120MΩ)
9771 ............................. Wideband AC Voltage (1MHz Max. 20mV - 20V )
9797 ..........................................Power Calibration (0 - 20KW AC and DC)
9770 .................. Oscilloscope Calibration (1mV - 200V, 0.1Hz - 100MHz)
9769 ............................................Scope 2.2GHz Levelled Sine Generator
9783 ............... Oven-Controlled Frequency Reference (scope opts only)
9762 .......... Rubidium Frequency Reference (external - scope opts only)
9764 ..... Current Probe Calibration Adaptor (external - scope opts only)
5065 ................................................................. 6.5 Digit Bench Multimeter
9773 ........................................................................Optical Tacho Adaptor
9780 .............................................Clamp Meter Adaptor (1 & 50 turn coil)
9759 ...................................................Torque Wrench Calibration Adaptor
9790 ......................................................100 Amp AC Current Transformer
9760 ......................................Power Amplifier (60V AC, 90V DC - 100mA)
9766 ...............................................External Low Noise Attenuator 1000:1
9767 .................................................External Low Noise Attenuator 100:1
9085 .................................................................... Soft Carry Case for 5025
9728 .............................................................19” Universal Rack Mount Kit
9541 ..........................................................................5 piece Test Lead Set
9796 ........................................................11 piece Premium Test Lead Set
C159..................................................Factory Calibration Certificate (NPL)
C103..........................................UKAS Calibration Certificate (ISO 17025)
C113.........................Extended UKAS Calibration Certificate (ISO 17025)
9795 ....................................................................Printer & Connectivity Kit
ECFLA................EasyCal Software (see separate datasheet for options)
Full specifications are available on request. Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
v2d 27/5/11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com