Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9767 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9767
Description  5018 Programmable DC-AC V-I Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9767 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9767 Datasheet HTML 1Page - Time Electronics Ltd. 9767 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
5018 Programmable DC-AC V-I Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
High Accuracy Programmable DC/AC Source
The 5018 is a versatile instrument capable of covering a wide range of testing
applications. It can be configured as a dedicated single function DC voltage
source, or as an advanced AC/DC voltage and current calibrator. Primarily designed
for production environments and R&D, the 5018 can be controlled via PC or laptop,
programmed to perform any number of tasks as part of a complex ATE test rig.
Ramping Feature
The 5018 includes an internal ramping feature. A ramp rate per range for each
function can be set via a PC. The option to ramp the output can be turned on or off
via the front panel. This is particularly useful in aviation and automotive industries
for testing analogue gauges.
Simple Operation
Front panel operation allows the user to quickly set the function and output
required. Using the jog / shuttle dial deviation the user can finely adjust the output
value as a percentage (± 99.99 %). All this information is shown on a clear, easy
to read LED display.
GPIB, RS-232, and USB Interfaces
These interfaces allow the 5018 to be connected to a PC and controlled by an
external program such as EasyCal calibration software. The 5018 uses a SCPI
command structure for programming. This makes writing control programs in
Visual Basic, C and Labview a simple task.
EasyCal software is primarily used for calibration work, but it is also a powerful
automation tool to control and readback from a wide range of programmable
instruments. So it can be utilised with comprehensive ATE systems and configured to
control a variety of applications. The readback capabilities enable closed loop testing,
and conditional tests can be configured to set up automated decision making.
Features
• 0 to 22 V DC
• Optional 0 to 22 V AC, 220 V DC and 1 kV DC
• Optional 0 to 220 mA AC/DC
• 15 ppm accuracy, 0.5 ppm resolution
• 1999999 full scale +10 % over-range
• Deviation control –9.999 % to +9.999 %
• Ramping feature
• Ideal for ATE applications in production and R&D
• Rack mount kit option
• RS-232, USB, GPIB interfaces
EasyCal Calibration Software
The 5018 can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results.
Produce traceable calibration certificates and test reports
for quality standards with additional uncertainty information
for ISO 17025 conformance.


Similar Part No. - 9767

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9767 BELDEN-9767 Datasheet
161Kb / 2P
Audio, Control & Instrument, #22-37pr, PP, Indiv. Foil, PVC Jkt, CM
05-05-2023
logo
Heyco.
9767 HEYCO-9767 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Festo Corporation.
9767 FESTO-9767 Datasheet
92Kb / 1P
Common supply manifold
logo
Time Electronics Ltd.
9767 TIME-ELECTRONICS-9767 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9767 TIME-ELECTRONICS-9767 Datasheet
136Kb / 1P
9766 and 9767 Low Noise Attenuators (1000:1 and 100:1)
07/24
More results

Similar Description - 9767

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Texas Instruments
LM8342 TI1-LM8342 Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com