Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9795 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9795
Description  5018 Programmable DC-AC V-I Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9795 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9795 Datasheet HTML 1Page - Time Electronics Ltd. 9795 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
5018 Programmable DC-AC V-I Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
06/22
Technical Specifications
DC Voltage
Range
Accuracy 1 year
Output resistance
Max output Current
Resolution
22 mV
30 ppm + 4 μV
10 Ω
-
100 nV
220 mV
15 ppm + 6 μV
10 Ω
-
1 μV
2.2 V
15 ppm + 20 μV
< 0.15 Ω
20 mA
1 μV
22 V
15 ppm + 150 μV
< 0.15 Ω
20 mA
10 μV
DC High Voltage options (9721: 220 V range only / 9720: Both ranges)
Range
Accuracy 1 year
Output resistance
Max output current
Resolution
220 V *
15 ppm + 1 mV
< 0.25 Ω
10 mA
100 μV
1 kV *
25 ppm + 3 mV
< 1 Ω
1 mA
1 mV
* Minimum Load 20 kΩ
DC Current option 9718
Range
Accuracy 1 year
Compliance voltage
Resolution
220 μA
150 ppm + 15 nA
11 V
1 nA
2.2 mA
100 ppm + 40 nA
11 V
10 nA
22 mA
80 ppm + 200 nA
11 V
10 nA
220 mA
80 ppm + 3 μA
11 V
100 nA
AC Voltage option 9719: 10 Hz to 20 kHz (sine 0.01 % crystal controlled)
Range RMS
Accuracy % 1yr
10 Hz - 1 kHz
Accuracy % 1 yr
1 kHz - 10 kHz
Accuracy % 1 yr
10 kHz - 20 kHz
Output resistance
Max output current
Resolution
22 mV
0.05 % + 100 μV
0.05 % + 150 μV
0.05 % + 250 μV
10 Ω
-
1 μV
220 mV
0.04 % + 100 μV
0.04 % + 150 μV
0.04 % + 250 μV
10 Ω
-
1 μV
2.2 V
0.03 % + 170 μV
0.03 % + 250 μV
0.03 % + 300 μV
< 0.15 Ω
20 mA
10 μV
22 V
0.03 % + 2.0 mV
0.03 % + 3.0 mV
0.03 % + 4.0 mV
< 0.15 Ω
20 mA
100 μV
AC Current option: 20 Hz to 1 kHz (Sine) - available if current and AC options are fitted
Range RMS
Accuracy 1 year
Compliance voltage RMS
Resolution
220 μA
0.07 % + 300 nA
5 V
10 nA
2.2 mA
0.05 % + 300 nA
5 V
10 nA
22 mA
0.05 % + 3 μA
5 V
100 nA
220 mA
0.05 % + 30 μA
5 V
1 μA
General Specifications
Warm up ............................................................................................................1 hour to full accuracy.
Settling time ......................................................................................................Less than 5 seconds.
Standard interfaces..........................................................................................GPIB (IEEE-488), RS-232, USB.
Temperature performance...............................................................................Operating: 10 to 40 °C, Full Spec: 23 °C ± 5 °C, Storage: -10 to 50 °C.
Operating humidity / Altitude ..........................................................................< 80 % non condensing. Altitude: 0 to 3 km. Non operating 3 to 12 km.
Line power.........................................................................................................100 to 230 V AC 50/60 Hz. Power consumption 60 W typical, 80 W maximum.
Dimensions / Weight ........................................................................................W 450 x D 272 x H 152 mm (18 x 11 x 7 ”) / 8.2 kg (18 lbs).
Supplied with ....................................................................................................User manual, RS-232 cable, USB adaptor/cable.
Ordering Information
5018................................................... Programmable DC/AC V/I Calibrator
9718........................................................ Internal Current option (220 mA max)
9719.................................................................... Internal AC option (22 V max)
9721............................................................................ Internal 200 V DC option
9720......................... Internal 1 kV DC option (includes 200 V DC option 9721)
9728...................................................................... 19 ” universal rack mount kit
9541...................................................................................... Basic test lead set
9796.................................................................................Premium test lead set
C142.................................................Traceable calibration certificate (Factory)
C104...........................................Accredited calibration certificate (ISO 17025)
9766......................................................... External low noise attenuator 1000:1
9767........................................................... External low noise attenuator 100:1
9795..........................................................................Printer and connectivity kit
ECFLA ........................EasyCal Software (see separate datasheet for options)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Accuracy specifications are shown as ppm (or %) of output + floor and apply for settings between 10 % and 100 % of range.
Specifications apply at an ambient temperature of 23 °C ± 5 °C after the calibrator has warmed up for at least 1 hour.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com