Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032AN Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58LW032AN
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032AN Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58LW032AN Datasheet HTML 24Page - STMicroelectronics M58LW032AN Datasheet HTML 25Page - STMicroelectronics M58LW032AN Datasheet HTML 26Page - STMicroelectronics M58LW032AN Datasheet HTML 27Page - STMicroelectronics M58LW032AN Datasheet HTML 28Page - STMicroelectronics M58LW032AN Datasheet HTML 29Page - STMicroelectronics M58LW032AN Datasheet HTML 30Page - STMicroelectronics M58LW032AN Datasheet HTML 31Page - STMicroelectronics M58LW032AN Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
M58LW032A
28/61
Table 10. Status Register Bits
OPERATION
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
RB
Result
(Hex)
Program/Erase Controller active
0
VOL
VOL
VOL
VOL
VOL
VOL
VOL
N/A
Write Buffer not ready
0
VOL
VOL
VOL
VOL
VOL
VOL
VOL
N/A
Write Buffer ready
1000
000
Hi-Z
80h
Write Buffer ready in Erase Suspend
1100
000
Hi-Z
C0h
Program suspended
1000
010
Hi-Z
84h
Program suspended in Erase Suspend
1100
010
Hi-Z
C4h
Program/Block Protect completed
successfully
1000
000
Hi-Z
80h
Program completed successfully in Erase
Suspend
1100
000
Hi-Z
C0h
Program/Block protect failure due to
incorrect command sequence
1011
000
Hi-Z
B0h
Program failure due to incorrect command
sequence in Erase Suspend
1111
000
Hi-Z
F0h
Word Program/Block Protect failure due to
VPP error
1001
100
Hi-Z
98h
Word Program failure due to VPP error in
Erase Suspend
1101
100
Hi-Z
D8h
Program failure due to Block Protection
1001
001
Hi-Z
92h
Program failure due to Block Protection in
Erase Suspend
1101
001
Hi-Z
D2h
Program/Block Protect failure due to cell
failure
1001
000
Hi-Z
90h
Program failure due to cell failure in Erase
Suspend
1101
000
Hi-Z
D0h
Erase Suspended
1100
000
Hi-Z
C0h
Erase/Blocks Unprotect completed
successfully
1000
000
Hi-Z
80h
Erase/Blocks Unprotect failure due to
incorrect command sequence
1011
000
Hi-Z
B0h
Erase/Blocks Unprotect failure due to VPP
error
1010
100
Hi-Z
A8h
Erase failure due to Block Protection
1010
001
Hi-Z
A2h
Erase/Blocks Unprotect failure due to
failed cells in Block
1010
000
Hi-Z
A0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com