Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR72001 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FCR72001
Description  USB-C 3.1 MALE - FEMALE EXTENSION CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FCR72001 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FCR72001 Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Redhill, Surrey
1 2
U.K.
RH
PF
Cliff Electronic Components Limited,
www.cliffuk.co.uk
üRoHS
©
2/
.1
CLIFF
ISS
0 2021
For further information, contact sales@cliffuk.co.uk
USB-C 3.1 MALE - FEMALE EXTENSION CABLE
These USB-C Male to USB-C Female Extension cables support Power Delivery (PD) charging at
60 watts (20v/@3A), USB 3.1 (Gen 1) 5Gb/s data transfer speeds, and can be used as a video
cable 5k@60Hz video output (Thunderbolt 3) and audio transmission.
NOTE: Precise performance is dependent upon all cables and devices connected. Available in 6
lengths.
Cable
mm
OD: 4.5
FCR72000 - USB-C Extension cable 0.3m
VARIANTS
FCR72001 - USB-C Extension cable 0.5m
FCR72002 - USB-C Extension cable 0.75m
FCR72003 - USB-C Extension cable 1m
FCR72004 - USB-C Extension cable 1.5m
FCR72005 - USB-C Extension cable 2m
WIRE CONNECTION
SHIELD
SHIELD
A10
A10
34AWG
RX2-
A11
A11
34AWG
RX2+
B3
B3
34AWG
TX2-
B2
B2
34AWG
TX2+
B10
B10
34AWG
RX1-
B11
B11
34AWG
RX1+
A3
A3
34AWG
TX1-
A2
A2
34AWG
TX1+
A7
A7 B7
32AWG
D-
A6
A6 B6
32AWG
D+
B8
B8
34AWG
SBU2
A8
A8
34AWG
SBU1
B5
B5
34AWG
Vconn
A5
A5
34AWG
CC
A4.B4.A9.B9
A4.B4.A9.B9
24AWG
VBUS
A1.B1.A12.B12 A1.B1.A12.B12
24AWG
GND
TYPE-C 3.1 M TYPE-C 3.1 M CABLE AWG
GROUND
CABLE FUNCTION
10nF


Similar Part No. - FCR72001

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FCR72040 CLIFF-FCR72040 Datasheet
240Kb / 1P
REWIREABLE 90° SCHUKO PLUG
FCR72041 CLIFF-FCR72041 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
FCR72042 CLIFF-FCR72042 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
FCR72043 CLIFF-FCR72043 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
FCR72044 CLIFF-FCR72044 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
More results

Similar Description - FCR72001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731611 ETC2-632910731611 Datasheet
321Kb / 2P
CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
List of Unclassifed Man...
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
USBCM313M0USBCMMMWHR ETC-USBCM313M0USBCMMMWHR Datasheet
174Kb / 6P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
USBCM31EM3M0USBCMMMWHR ETC-USBCM31EM3M0USBCMMMWHR Datasheet
340Kb / 7P
USB C MALE 3.1 E-MARK in Plug to USB C MALE 3.1, GT Cable
08/23/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com