Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P14X Datasheet(PDF) 5 Page - Electronic Components Ltd.

Part # P14X
Description  Test & Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

P14X Datasheet(HTML) 5 Page - Electronic Components Ltd.

  P14X Datasheet HTML 1Page - Electronic Components Ltd. P14X Datasheet HTML 2Page - Electronic Components Ltd. P14X Datasheet HTML 3Page - Electronic Components Ltd. P14X Datasheet HTML 4Page - Electronic Components Ltd. P14X Datasheet HTML 5Page - Electronic Components Ltd. P14X Datasheet HTML 6Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Crocodile Clips
Insulated and Non Insulated
Our range of durable crocodile clips are made from high grade engineering plastics,
with tin or nickel plated metal parts. They comply with EN61010 / CE. All clips open to
min. 25mm.
Basic rating 600V CAT III (1000V CAT II)
Available in black, red, blue, green, yellow and green / yellow.
4mm socket at rear accepts shrouded plug or unshrouded probe.
Tongue at front to catch small wires or conductor pins.
Extended rear shroud version of CRC/01.
When used, enables highest rating to be maintained. Curved jaws
give good grip on busbars.
Miniature croc
. Used in applcations where access is restricted, especially
telecoms situations. 4mm socket at rear accepts shrouded or
unshrouded plugs.
All metal uninsulated croc. Generally used for earth testing.
Curved jaws give good grip on busbars. A PVC boot in black or
red is available as an option.
“Bed of Nails” croc with insulation piercing point. Mostly used in
USA telecoms testing. Optionally available with just the piercing
point. A range of coloured PVC boots is available.
CRC/01X
CRC/02
CRC/M
CRC/BON
CRC/01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com