Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P14XAS Datasheet(PDF) 4 Page - Electronic Components Ltd.

Part # P14XAS
Description  Test & Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

P14XAS Datasheet(HTML) 4 Page - Electronic Components Ltd.

  P14XAS Datasheet HTML 1Page - Electronic Components Ltd. P14XAS Datasheet HTML 2Page - Electronic Components Ltd. P14XAS Datasheet HTML 3Page - Electronic Components Ltd. P14XAS Datasheet HTML 4Page - Electronic Components Ltd. P14XAS Datasheet HTML 5Page - Electronic Components Ltd. P14XAS Datasheet HTML 6Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test Prods
Tests prods are designed for connection to cable by soldering or crimping -
depending on the metal inserts used. Crimping is the preferred type of connection,
but it requires special tooling, so most customers buy prods ready assembled onto
cable. These products are rated at 1KV CAT III. Ratings of 2, 3 or 4KV are possible on
TPR/2 depending on construction used and EN61010 norms applied. Standard colours
are Black and Red. Other colours subject to quantity.
TPR/1 - Test probe. 1KV CAT III
with tip cover fitted,
CAT II without, for direct cable connection. Unfused.
Supplied with removeable tip cover.
TPR/1C - As TPR/1 but supplied unassembled, with
collet cable clamp.
TPR/2
Fused test probe 1KV CAT III, for either direct cable
connection or 4mm socket connection.
TPR/2S
As TPR/2 but with retractable spring loaded shroud,
exposing 4mm lantern probe.
TPR/2 CROC CLIP ATTACHMENT
This is for converting TPR/2 into a fused croc clips for
direct cable connection. 600V CAT III / 1KV CAT II .
CLIFF
TPR/1S - Spiked test probe. Unfused. Has 4mm.
shrouded socket connection, so converts 4mm.
shrouded plug into a test prod lead. 1KV CAT III
with cover fitted, CAT II without,
TPR/1SL - Lantern contact test probe. Unfused. Has
4mm. shrouded socket connection, so converts 4mm.
shrouded plug into a test prod lead. 1KV CAT III
with
tip cover fitted, CAT II without,
TPR/2F
4KV CAT II version of TPR/2.
TPR/2FS
As TPR/2F but with spring loaded retractable shroud.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com