Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P14XB Datasheet(PDF) 3 Page - Electronic Components Ltd.

Part # P14XB
Description  Test & Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

P14XB Datasheet(HTML) 3 Page - Electronic Components Ltd.

  P14XB Datasheet HTML 1Page - Electronic Components Ltd. P14XB Datasheet HTML 2Page - Electronic Components Ltd. P14XB Datasheet HTML 3Page - Electronic Components Ltd. P14XB Datasheet HTML 4Page - Electronic Components Ltd. P14XB Datasheet HTML 5Page - Electronic Components Ltd. P14XB Datasheet HTML 6Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2mm. & 4mm. Chassis Sockets
Our range of chassis sockets are made from high grade engineering plastics.
Metal parts are precision machined and nickel, silver or gold plated depending on
which model.
The 4mm. models have a variety of tag options. The most professional models are insert
moulded. Mounting handware is supplied or is available to order.
RATED
V
RATED
I
CAT
S18
S14
S16
2mm. socket unshrouded. Mates with
plug P18. Gold plated.
4mm. socket unshrouded. Mates with
most unshrouded plugs. Nickel plated.
4mm. socket shrouded. Mates with
shrouded or unshrouded plugs.
Gold plated.
4mm. shrouded socket. Mates
with shrouded or unshrouded
plugs. Gold plated.
There are a number of terminal
options for S16N :-
•
solder tag
•
4.8mm. faston / solder tag
•
6.3mm. faston / solder tag
•
PCB pin
•
M4 threaded stud
•
90° PCB mount
10A.
30A.
1000
600
III
30VAC
60VDC
10A.
24A.
24A.
32A.
24A.
32A.
24A.
1000
III
S16N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com