Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064A Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58LW064A
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58LW064A Datasheet HTML 35Page - STMicroelectronics M58LW064A Datasheet HTML 36Page - STMicroelectronics M58LW064A Datasheet HTML 37Page - STMicroelectronics M58LW064A Datasheet HTML 38Page - STMicroelectronics M58LW064A Datasheet HTML 39Page - STMicroelectronics M58LW064A Datasheet HTML 40Page - STMicroelectronics M58LW064A Datasheet HTML 41Page - STMicroelectronics M58LW064A Datasheet HTML 42Page - STMicroelectronics M58LW064A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
39/53
M58LW064A, M58LW064B
Table 27. Reset, Power-down and Power-up
(TA = 0 to 70°C, –40 to 85°C, VDD = 2.7V to 3.6V, VDD = 1.8V to VDD)
Table 28. Program, Erase Times and Program Erase Endurance Cycles
(TA = 0 to 70°C; VDD = 2.7V to 3.6V; VDDQ =1.7V to 1.9V)
Symbol
Parameter
Min
Max
Unit
tPHEL
Reset/Power-down High to Chip Enable Low
50
µs
tPHQV
Reset/Power-down High to Output Valid
10
µs
tPHWL
Reset/Power-down High to Write Enable Low
50
µs
tPLPH
Reset/Power-down Low to Reset/Power-down High
500
ns
tPLRH
Reset/Power-down Low to Ready High
22
µs
tPUR
Power-up to Read
10
µs
tPUW
Power-up to Write
10
µs
tVDHEL
Supply Voltages High to Chip Enable low
50
ms
tVDHPH
Supply Voltages High to Reset/Power-down High
1
µs
tVDHWL
Supply Voltages High to Write Enable Low
50
ms
Parameters
M58LW064A/B
Unit
Min
Max
Typ
Typical after
100k W/E Cycles
Uniform Block (1Mb) Erase
1.5
0.75
0.75
sec
Chip Program
54
54
sec
Write Buffer
192
192
µs
Program Suspend Latency Time
10
3
µs
Erase Suspend Latency Time
30
10
µs
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com