Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK105BJ104ME-R Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK105BJ104ME-R
Description  Multilayer Ceramic Capacitors (High dielectric type) for General Purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK105BJ104ME-R Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LMK105BJ104ME-R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LMK105BJ104ME-R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LMK105BJ104ME-R Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
https://www.yuden.co.jp/en/
Multilayer Ceramic Capacitors (High dielectric type) for General Purpose
MSASL1LEXB5104MRNA01 (Previous PN: LMK105BJ104ME-R)
Features
Item Summary
0.1uF±20%, 10V,
X5R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Taping Embossed 15000pcs
Products characteristics table
Capacitance
0.1 uF ± 20 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
10 V
tanδ (max)
10 %
Temperature Characteristic (EIA)
X5R
Operating Temp. Range (EIA)
-55 to +85 ℃
Capacitance Change(EIA)
±15 %
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
Derating
STD
RoHS Compliance (10 subst.)
Yes
REACH Compliance (253 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.18 ±0.02 mm
Dimension e
0.25 ±0.10 mm
2026.05.21
1 / 1


Similar Part No. - LMK105BJ104ME-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK105BJ104ME-R TAIYO-YUDEN-LMK105BJ104ME-R Datasheet
289Kb / 2P
High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - LMK105BJ104ME-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MSASA063EB5475MFNA01 TAIYO-YUDEN-MSASA063EB5475MFNA01 Datasheet
434Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASJ21GAB5226KTNA01 TAIYO-YUDEN-MSASJ21GAB5226KTNA01 Datasheet
436Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASL063BB5474KFNB33 TAIYO-YUDEN-MSASL063BB5474KFNB33 Datasheet
434Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASA042SC6103KWNA01 TAIYO-YUDEN-MSASA042SC6103KWNA01 Datasheet
448Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASA042SC6473KWNA01 TAIYO-YUDEN-MSASA042SC6473KWNA01 Datasheet
447Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASA105CC6106MFNC12 TAIYO-YUDEN-MSASA105CC6106MFNC12 Datasheet
449Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASE042SB7561KWNA01 TAIYO-YUDEN-MSASE042SB7561KWNA01 Datasheet
448Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASL042SB7181KWNA01 TAIYO-YUDEN-MSASL042SB7181KWNA01 Datasheet
449Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASP042SB5224KWNA01 TAIYO-YUDEN-MSASP042SB5224KWNA01 Datasheet
449Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
MSASP042SC6224KWNA01 TAIYO-YUDEN-MSASP042SC6224KWNA01 Datasheet
449Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com