Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL11CKB Datasheet(PDF) 2 Page - Optronics International

Part # BUL11CKB
Description  4" Round Sealed Clear DOT LED Back-Up Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

BUL11CKB Datasheet(HTML) 2 Page - Optronics International

  BUL11CKB Datasheet HTML 1Page - Optronics International BUL11CKB Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulk
Polypack
Diodes
Description
Qty
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
BUL11 SERIES
4” Round Sealed Clear DOT LED Back­Up Lights
Sonically sealed, waterproof
Certified for back­up light function when installed as pair in two­lamp system [SAE (2)R]
Available in grommet and flange mount models
Grommet mount version available with standard 2­pin, or optional weathertight
connection
Grommet mount version available in 12V and 24V
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
BUL11CB
BUL11CBP
10
Clear back­up light, recess mount,
standard 2­pin connection, 12V
10
BUL11CKB
BUL11CKBP
10
Clear back­up light kit with A45GB grommet
and A49PB pigtail, recess mount, standard
2­pin connection, 12V
10
BUL11CMB
BUL11CMBP
10
Clear back­up light, recess mount,
weathertight connection, 12V
10
BUL11CRMB
BUL11CRMBP
10
Clear back­up light, recess flange mount,
standard 2­pin connection, A42FGB
gasket, 12V
10
BUL11CBX
BUL11CBXP
10
Clear back­up light with built­in reflex
flange mount, standard 2­pin connection,
12V
10
BUL11CFB
BUL11CFBP
10
DISCONTINUED ­ Clear back­up light,
recess mount, standard 2­pin connection,
12V
10
BUL11CM24B
BUL11CM24BP
10
DISCONTINUED ­ Clear back­up light,
recess mount, weathertight connection,
24V
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
A45GB
A45GBP
PVC grommet for 4" lights, flush mount, (Hole
cut­out: 4.5")
50
A42FGB
A42FGBP
Gasket for STL42AB/RB and BUL11CFB
100
A45CB
A45CBP
Straight 2­wire pigtail with two­pin PL­3 male
plug, 10”
100
A49PB
A49PBP
Right angle 2­wire pigtail with two­pin PL­3
male plug, 10”
100
A45PMB
A45PMBP
Weathertight 3­wire pigtail, 10” leads, ring
terminal on ground, stripped wire ends on
power leads
50
AL45PWTB
AL45PWTBP
Adapter: Weathertight plug to female PL­3
plug, 10”
50
Specifications
FMVSS:
(2)R
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.26A
WT/DIMS:
.309 lbs. / 4.313” x 4.313” x 1.625” (Hole cut­out: 4.5")
WARRANTY:
Lifetime LED Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com