Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20105 Datasheet(PDF) 2 Page - United Automation Ltd. All rights reserved

Part # X20105
Description  Controller System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X20105 Datasheet(HTML) 2 Page - United Automation Ltd. All rights reserved

  X20105 Datasheet HTML 1Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 2Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 3Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 4Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
X20105 Components and Spares | Automation Control System
9 Channel HMI
D/A Signal Controller System Installation & User Manual
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
14 July 2025 | Issue: 5
Page
2 of 4
INSTALLATION CIRCUIT
A typical system with 3 x D/A units is shown below:
CONFIGURATION OPTIONS
The HMI unit can control up to 3 D/A units, the HMI selects a particular D/A unit by means of a 2 bit address. The address of
each D/A unit is selected by switches 3 and 4, on DIP switch SW1, on each D/A unit. Switch 4 on SW1 is used to set the least
significant bit of the address, switch 3 on SW1 is used to set the most significant address. The HMI unit uses addresses 01, 10
and 11 to access the three D/A units. The 9 possible output channels, as indicated on the HMI display, are mapped across the 3
D/A units. The Table below shows how to set up the D/A switches for the three allowable address values and how the displayed
channels are mapped to each D/A unit:
D/A 1
D/A 2
D/A 3
Switch setup xx01
Switch setup xx10
Switch setup xx11
Mapped Channels 1,2,3
Mapped Channels 4,5,6
Mapped Channels 7,8,9
Switches 1 and 2 on SW1 are not used and are ignored by the D/A and HMI units.
Please note that the D/A units should be set up with unique addresses; duplication of D/A addresses will result in unknown
output levels being driven on the analogue outputs.
SET UP
CAUTION! Ensure the mains supply is disconnected before proceeding.
Set the D/A address switches on each D/A unit to a unique address, refer to the "Configuration Options" section.
Connect the HMI unit to the D/A slave units using four core, dual twisted pair type cable, the cable should have a minimum
gauge of 26AWG. One twisted pair should be used for the RS485 A and B signals, the other for the power connection. The
corresponding signals on each unit should be connected, namely: A, B, +, -.
L
N
+ -
B A + -
AC INPUT
24VDC
RS485 24VDC
110VAC-230VAC
INPUT
AC OR DC POWER
ANALOGUE OUTPUTS - 0-5VDC
Channel 1 Channel 2 Channel 3
+Vs -Vs +Vs -Vs +Vs -Vs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com