Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9059 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9059
Description  9059 Hard Transit Case for 5025 Multifunction Calibrators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9059 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9059 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
9059 Hard Transit Case for 5025 Multifunction Calibrators
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 9059 is a heavy duty, custom designed transit case for the 5025
range, providing a durable and secure transportation solution. Made of
high performance materials, the case is rugged design and IP67 rated.
Features include integral wheels and extending handle that make it ideal
for mobilising the 5025 when used for on-site calibration work. The internal
padding is custom cut to ensure the instrument front panel is protected.
The 5077 power calibrator also fits the 9059 case. Smaller transit cases
for other benchtop calibrators and multimeters are available upon request.
Dimensions and Weight
External Dimensions............L 632 x W 602 x H 333 mm
Weight..................................11 kg / 30 kg with 5025.
Ordering information
9059.....................................Hard transit case for 5025
Features
• Injection molded ultra strong shell
• Two Press and Pull Latches
• Double-layered, Soft-grip Handle
• Two Padlockable Hasps
• Flush Powerful Hinges
• Watertight
• Telescopic handle
• Transport wheels for easy mobility
v2a
03/20
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.


Similar Part No. - 9059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9059 ETC1-9059 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9059 ETC2-9059 Datasheet
100Kb / 2P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9059 HEYCO-9059 Datasheet
152Kb / 2P
Snap Rivets
logo
Alpha Wire
9059 ALPHAWIRE-9059 Datasheet
407Kb / 4P
22 (SOLID) AWG BCW
logo
Time Electronics Ltd.
9059 TIME-ELECTRONICS-9059 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
More results

Similar Description - 9059

ManufacturerPart #DatasheetDescription
logo
Energizer
TUF2AA1 ENERGIZER-TUF2AA1 Datasheet
116Kb / 1P
Hard Case Flashlight
TUF2D1 ENERGIZER-TUF2D1 Datasheet
161Kb / 1P
Hard Case Flashlight
TUF4AA1 ENERGIZER-TUF4AA1 Datasheet
135Kb / 1P
Hard Case Flashlight
TUF4D1 ENERGIZER-TUF4D1 Datasheet
238Kb / 1P
Hard Case Lantern
logo
Molex Electronics Ltd.
0015311122 MOLEX1-0015311122 Datasheet
175Kb / 2P
SD-5025-12R1
logo
Energizer
TUF421PE ENERGIZER-TUF421PE Datasheet
111Kb / 1P
Hard Case Pro 4AA LED Flashlight
TUFPAL31E ENERGIZER-TUFPAL31E Datasheet
554Kb / 1P
Hard Case Professional LED Area Light
TUF2DPE ENERGIZER-TUF2DPE Datasheet
124Kb / 1P
Hard Case Pro 2D LED FLASHLIGHT
logo
Ultralife Corporation.
MRC-195 ULTRALIFE-MRC-195 Datasheet
782Kb / 2P
SOTM Transit Case System
14 March 2016 Rev A
logo
TE Connectivity Ltd
440423 TEC-440423 Datasheet
133Kb / 2P
SHIELD FINGER 5025
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com