Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9760 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9760
Description  9760 Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9760 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9760 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
9760 Power Amplifier
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
06/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Description
The 9760 power amplifier has been designed to complement the Time Electronics
range of multifunction calibrators. The unit provides an output current suitable for
driving even the most demanding analogue meters.
Operation is simple with connection via the front panel terminals. The reference
calibrator (for example 5025C) connects to the input terminals. Then the output is
connected to the meter. The user then presses the output button.
The amplifier has a gain of x10. So an input voltage of 1 V will produce an output
of 10 V. Due to the output resistance of the amplifier, the accuracy of the output is
specified for loads greater than 600 Ω. If loads less than this are present a
reduction of 1 mV per 10 mA of load current will apply.
Technical Specifications
AC Voltage
Gain............................................................................................................................... x10
Input Range.................................................................................................0.5 to 6 V RMS
Output Range.............................................................................................5V to 60 V RMS
Maximum Output Current....................................................................................... 100 mA
Accuracy ...................................................................................................0.03 % + 3 mV*
Output Resistance................................................................................................ < 0.1 Ω*
Frequency Range...................................................................................... 45 Hz to 10 kHz
DC Voltage
Gain............................................................................................................................... x10
Input Range..........................................................................................................0.5 to 9 V
Output Range........................................................................................................5 to 90 V
Maximum Output Current....................................................................................... 100 mA
Accuracy ................................................................................................0.02 % + 0.5 mV*
Output Resistance................................................................................................ < 0.1 Ω*
*Add additional error of 1 mV/10 mA of load current when loads of 600 Ω or less are being driven.
Remote sensing is not available.
General Specifications
Short circuit protection................................................. 160 mA
Switches/Indicators .................................Output On/Off Switch,
..................................................................Output On indication.
Power Supply ....................................100 to 230 V AC 50/60 Hz
Dimensions ..................................................430 x 230 x 90 mm
Weight ................................................................................. 5 kg
Ordering Information
9760.............................................................. Power Amplifier
Features
• Compatible with 5051 and 5025 calibrators
• 60 V AC RMS, 100 mA
• 90 V DC, 100mA
• 0.02 % best accuracy
• ACV to 10kHz
• Short circuit protection: 160 mA


Similar Part No. - 9760

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9760 3M-9760 Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
logo
Heyco.
9760 HEYCO-9760 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Time Electronics Ltd.
9760 TIME-ELECTRONICS-9760 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9760 TIME-ELECTRONICS-9760 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
9760 TIME-ELECTRONICS-9760 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
More results

Similar Description - 9760

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
POWER AMPLIFIER
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
Power Amplifier
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
Amplifier, Power
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
Power Amplifier
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com