Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9778 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9778
Description  EasyCal Accessories 9795 / 9778 / 9777 / 9779
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9778 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9778 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9795 Printer and Connectivity Kit
For certificate printing, connectivity, and general office use the 9795
provides users with a convenient solution to accompany EasyCal
calibration software.
• Supplied as standard with 5051+, 7051+ and 8060+ packages
• Laser colour printer
• Numeric key pad
• USB memory stick
• 4 port USB hub with USB lead
9778 Calibration and ID Label Printer
For printing ‘Calibrated’ labels to be placed on instruments before
leaving the laboratory. Print ID labels with bar codes to enable fast
identification using the 9777 bar code reader and EasyCal.
• Supplied as standard with 5051+, 7051+ and 8060+ packages
• Durable 24 mm laminated labels
• USB interface (cable included)
• Automatic tape cutter
• Size: W 66 x D 188 x H 112 mm
• Weight: 590 g
9777 Bar Code Reader
Read bar codes placed on instruments/devices for quick identification
into EasyCal calibration software.
• For connection to control centre or PC/laptop with USB interface
• Supplied as standard with 5051+, 7051+ and 8060+ packages
• Light source: Visible red LED
• Max resolution: 0.10 mm/ 4 mils. Scan Rate: 256 scans/sec
• Print contrast Ratio: 25 % min
• Reading Field: 63 mm (2.5 ") / Reading Distance: 0 to 50 mm
• Reading Indicators: LED and adjustable tone “beeper”
• Size: 164 x 77.5 x 63 mm, Weight: 160 g
9779 Job Label Printer
For printing information that accompanies an instrument through the
calibration process. Also for user tagging instruments such as
quarantined or out of service.
• Optional printer for job labels and tags
• Direct thermal printing technology
• Supplied with set of strung tags
• USB interface
• Size: W 114 x D 172 x H 148 mm
• Weight: 490 g
v3a
01/22
Time Electronics
EasyCal Accessories 9795 / 9778 / 9777 / 9779
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
CERTIFICATE OF CALIBRATION
Sig 1
Sig 2
Sig 3
Time Electronics
Unit 5
TON Business Park
Tonbridge, Kent. TNA 1RA
Tel: 01732 355993 Fax: 01732 770312
email: mail@timeelectronics.co.uk
Approved Signatory
DM10005
Issued By : Time Electronics
Date of Issue : 20 May 2019
Certificate Number
Page 1 of 3
Relative Humidity: 50%
±10%
Temperature: 22.0°C
±4.0°C
Enviromental Conditions
FLUKE-725-AUTO
Procedure
Comments
Instrument
/Device
Supply Voltage: 230V
±2V @ 50Hz ±5Hz
Failed on 3.2kOhm Measure
EC4
419456
725
Fluke
Process Calibrator
Serial Number
Model Number
ID Number
Manufacturer
Type
Customer
/Owner
Cal Systems
Date Received: 20 May 2019
Last Cert: 10034
Cal House
Unit 34 Lock Drive
Sevenoaks
Kent
Tel: 01732 355559
Fax:
Email: mail@t-e.co.uk
Traceability Information
Cal Due
Cal Date
Cert No
Serial No
Instrument Description
5025 Multifunction Calibrator
1089G08
UKAS-90897
08 May 2019
07 May 2020
AC Current: 0pA-200uA=0.07%+300nA|200uA-2mA=0.05%+300nA|2mA-20mA=0.05%+3uA|20mA-200mA=0.05%+30uA|200mA-2A=0.1%+0.5mA|2A-20A=0.2%+5mA|
AC Voltage: 1mV-20mV=0.05%+250uV|20mV-200mV=0.04%+150uV (45Hz-10kHz)|200mV-2V=0.03%+250uV (45Hz-10kHz)|2V-20V=0.03%+3mV (45Hz-10kHz)|20V-200V=0.06%+20mV|200V-
1.05kV=0.08%+90mV|
DC Current: 0pA-200uA=150ppm+15nA|200uA-2mA=100ppm+40nA|2mA-20mA=80ppm+200nA|20mA-200mA=80ppm+3uA|200mA-2A=250ppm+40uA|2A-20A=600ppm+2mA|
DC Voltage: 0pV-20mV=100ppm+4uV|20mV-200mV=30ppm+6uV|200mV-2V=15ppm+20uV|2V-20V=15ppm+150uV|20V-200V=30ppm+6mV|200V-1.05kV=50ppm+30mV|
Resistance: 0pR-100Ω=0.01%+7mΩ|100Ω-1kΩ=0.01%+5mΩ|1kΩ-10kΩ=0.02%+20mΩ|10kΩ-100kΩ=0.01%+1Ω|100kΩ-1MΩ=0.01%+10Ω|1MΩ-10MΩ=0.02%+100mΩ|10MΩ-120MΩ=0.1%+1kΩ|
5075 Digital Multimeter
1099C4
39803
19 May 2019
18 May 2020
AC Current: 0pA-200uA=0.07%+300nA|200uA-2mA=0.05%+300nA|2mA-20mA=0.05%+3uA|20mA-200mA=0.05%+30uA|200mA-2A=0.1%+0.5mA|2A-20A=0.2%+5mA|
AC Voltage: 1mV-20mV=0.05%+250uV|20mV-200mV=0.04%+150uV (45Hz-10kHz)|200mV-2V=0.03%+250uV (45Hz-10kHz)|2V-20V=0.03%+3mV (45Hz-10kHz)|20V-200V=0.06%+20mV|200V-
1.05kV=0.08%+90mV|
DC Current: 0pA-200uA=150ppm+15nA|200uA-2mA=100ppm+40nA|2mA-20mA=80ppm+200nA|20mA-200mA=80ppm+3uA|200mA-2A=250ppm+40uA|2A-20A=600ppm+2mA|
DC Voltage: 0pV-20mV=100ppm+4uV|20mV-200mV=30ppm+6uV|200mV-2V=15ppm+20uV|2V-20V=15ppm+150uV|20V-200V=30ppm+6mV|200V-1.05kV=50ppm+30mV|
Resistance: 0pR-100Ω=0.01%+7mΩ|100Ω-1kΩ=0.01%+5mΩ|1kΩ-10kΩ=0.02%+20mΩ|10kΩ-100kΩ=0.01%+1Ω|100kΩ-1MΩ=0.01%+10Ω|1MΩ-10MΩ=0.02%+100mΩ|10MΩ-120MΩ=0.1%+1kΩ|
Calibration Due: 19 May 2020
Date of Calibration: 20 May 2019
Calibrated by: Robert Martins
This certificate has been produced by EasyCal Calibration Software from Time Electronics Ltd
Cert.rpt v8.0


Similar Part No. - 9778

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9778 BELDEN-9778 Datasheet
186Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
logo
Heyco.
9778 HEYCO-9778 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Time Electronics Ltd.
9778 TIME-ELECTRONICS-9778 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
9778 TIME-ELECTRONICS-9778 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
9778 TIME-ELECTRONICS-9778 Datasheet
515Kb / 3P
5025E Series 2 Multifunction Calibrator
01/24
More results

Similar Description - 9778

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com