Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9120 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9120
Description  9811 IEEE Programmable Resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9120 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9120 Datasheet HTML 1Page - Time Electronics Ltd. 9120 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9811 Technical Specifications
INTERFACE
Interface Type:
IEEE488/GPIB/IEC/HPIB
Device Address:
rear panel switch 0 - 31
Bus Connection:
standard 24 pin IEEE488
Bus Isolation:
outputs are isolated from the bus up to 350V AC/DC
RESISTANCE SPECIFICATIONS
Range:
0 to 1 M
Ω
Output:
12 rear panel terminals dividing the total resistance into 6 sections –
0 – 9
Ω
in
1
Ω steps
0 – 90
Ω
in
10
Ω steps
0 – 900
Ω
in
100
Ω steps
0 – 9K
Ω
in
1K
Ω steps
0 – 90K
Ω
in
10K
Ωsteps
0 –900K
Ω
in
100K
Ω steps
Resolution:
1
Ω
Residual Resistance:
5 m
Ω per decade
Accuracy:
1
Ω decade ± 0.5%; 10Ω decade ± 0.05%; all other decades ± 0.01%
Temp Coefficient:
less than 50 ppm per ºC
Power Rating:
0.3 Watt per resistor
Maximum Current:
1 Amp subject to resistor power limitations
Maximum Voltage:
250 V
Operation Time:
< 5ms
Thermal EMF’s:
less than 2 microvolts. Internal EMF’s have been kept to a minimum
using special techniques.
Contacts:
Special attention has been given to the problem of reliability, hence
double pole gold contacts have been used throughout.
General Specification
Power:
110 V/220 V/240 V AC 50/60 Hz. 30 watt consumption
Operating Temperature:
0-45 ºC
Dimensions:
480 x 240 x 130 mm Rack Mount Version
494 x 374 x 154 mm Bench Version
Weight:
5.5 kg Rack Mount Version
10 kg Bench Version
Optional Extras:
Bench Case
N.P.L. Traceable Calibration Certificate
UKAS Calibration Certificate
Ordering Information
Code
Description
9811
Programmable Resistance (1
Ω – 1MΩ)
9047
Bench Case
9163
N.P.L. Traceable Calibration Certificate
9120
UKAS Calibration Certificate
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.co.uk
V1a 01/01/07
V1a 01/01/07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com